Electronic Components Datasheet Search |
|
NRLMW822M160V20X40F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NRLMW822M160V20X40F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 3 page 162 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com Large Can Aluminum Electrolytic Capacitors FEATURES • LONG LIFE (105°C, 2000 HOURS) • LOW PROFILE AND HIGH DENSITY DESIGN OPTIONS • EXPANDED CV VALUE RANGE • HIGH RIPPLE CURRENT • CAN-TOP SAFETY VENT • DESIGNED AS INPUT FILTER OF SMPS • STANDARD 10mm (.400") SNAP-IN SPACING NRLMW Series SPECIFICATIONS Notice for Mounting The space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emergency. Sleeve Color: Dark Blue Can Top Safety Vent Insulation Sleeve and Minus Polarity Marking (4.0mm Leads Available As Option) D+1 Max. L ± 2 6.3 ± 1 0.8 10 (-) (+) MAXIMUM EXPANSION FOR SAFETY VENT Approx. 3.0mm Recommended PC Board Mounting Holes: 10 ± .1 ∅= 2 ± 0.1 D ∅ ± 0.5 Chassis PC Board PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com Operating Temperature Range -40 ~ +105°C -25 ~ +105°C Rated Voltage Range 10 ~ 250Vdc 450Vdc Rated Capacitance Range 180 ~ 68,000 µF 56 ~ 470 µF Capacitance Tolerance ±20% (M) at 120Hz, +20°C Max. Leakage Current ( µA) After 5 minutes (20°C) 3 x C( µF)V Max. Tan δ at 120Hz/20°C W.V. (Vdc) 10 16 25 35 50 63 80 100 ~ 400 450 Tan δ max. 0.55 0.45 0.35 0.30 0.25 0.20 0.17 0.15 0.20 Surge Voltage W.V. (Vdc) 10 16 25 35 50 63 80 100 160 S.V. (Vdc) 13 20 32 44 63 79 100 125 200 W.V. (Vdc) 180 200 250 400 450 - - - - S.V. (Vdc) 220 250 300 450 500 - - - - Ripple Current Correction Factors Frequency (Hz) 50 60 100 120 500 1K 10K ~ 50K - - Multiplier at 85°C 16 ~ 100Vdc 0.93 0.95 0.99 1.0 1.05 1.08 1.15 - - 160 ~ 450Vdc 0.75 0.80 0.95 1.0 1.20 1.25 1.40 - Low Temperature Stability (10 to 250Vdc) Temperature (°C) 0 -25 -40 - - - - - - Capacitance Change -5% -10 -30% - - - - - - Impedance Ratio 1.5 3 9 - - - - - - Load Life Test 2,000 hours at +105°C Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Shelf Life Test 1,000 hours at +105°C (no load) Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Surge Voltage Test Per JIS-C-5141 (table #6, #4) Surge voltage applied: 30 seconds "On" and 5.5 minutes no voltage "Off" Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Soldering Effect Refer to MIL-STD-202F Method 210A Capacitance Change Within ±10% of initial measured value Tan δ Less than specified maximum value Leakage Current Less than specified maximum value RoHS Compliant includes all homogeneous materials *See Part Number System for Details |
Similar Part No. - NRLMW822M160V20X40F |
|
Similar Description - NRLMW822M160V20X40F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |