Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE68519-T1-A Datasheet(PDF) 8 Page - California Eastern Labs

Part # NE68519-T1-A
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE68519-T1-A Datasheet(HTML) 8 Page - California Eastern Labs

Back Button NE68519-T1-A Datasheet HTML 4Page - California Eastern Labs NE68519-T1-A Datasheet HTML 5Page - California Eastern Labs NE68519-T1-A Datasheet HTML 6Page - California Eastern Labs NE68519-T1-A Datasheet HTML 7Page - California Eastern Labs NE68519-T1-A Datasheet HTML 8Page - California Eastern Labs NE68519-T1-A Datasheet HTML 9Page - California Eastern Labs NE68519-T1-A Datasheet HTML 10Page - California Eastern Labs NE68519-T1-A Datasheet HTML 11Page - California Eastern Labs NE68519-T1-A Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NE68533
VCE = 0.5 V, IC = 0.5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
VCE = 1.0 V, IC = 1.0 mA
0.1
0.968
-7.000
3.509
170.100
0.029
84.200
0.995
-5.800
0.103
20.828
0.4
0.887
-31.300
3.234
147.200
0.103
68.200
0.928
-21.900
0.231
14.969
0.8
0.708
-58.800
2.767
119.700
0.170
52.700
0.790
-37.900
0.443
12.116
1.0
0.618
-70.000
2.533
108.800
0.192
47.400
0.727
-43.700
0.544
11.203
1.5
0.432
-96.400
2.036
86.400
0.223
39.300
0.601
-55.000
0.767
9.605
2.0
0.304
-122.100
1.711
69.000
0.243
36.000
0.521
-63.300
0.948
8.476
2.5
0.233
-150.700
1.482
55.100
0.260
35.300
0.473
-71.100
1.071
5.929
3.0
0.208
178.200
1.339
43.600
0.283
36.100
0.439
-79.700
1.122
4.625
4.0
0.243
125.700
1.142
25.100
0.358
36.500
0.396
-100.200
1.097
3.140
0.1
0.972
-5.500
1.901
170.500
0.035
85.600
0.998
-5.200
0.089
17.349
0.4
0.932
-27.300
1.813
149.900
0.129
69.000
0.955
-19.900
0.202
11.478
0.8
0.803
-52.500
1.670
122.400
0.222
52.000
0.856
-36.200
0.396
8.764
1.0
0.730
-63.900
1.582
110.500
0.254
45.100
0.803
-42.800
0.486
7.944
1.5
0.560
-90.700
1.382
85.700
0.299
31.600
0.686
-56.800
0.681
6.648
2.0
0.434
-116.300
1.218
66.500
0.310
22.800
0.604
-67.900
0.855
5.943
2.5
0.355
-143.400
1.095
51.200
0.305
17.500
0.558
-77.900
1.000
5.449
3.0
0.322
-171.000
1.020
39.300
0.291
17.400
0.522
-89.000
1.125
3.302
0.1
0.965
-6.600
3.502
170.700
0.024
83.800
0.997
-4.900
0.112
21.641
0.4
0.899
-28.400
3.250
149.500
0.087
70.400
0.942
-18.800
0.222
15.724
0.8
0.735
-53.600
2.835
123.300
0.146
55.900
0.823
-33.100
0.429
12.882
1.0
0.647
-64.000
2.618
112.700
0.166
50.800
0.767
-38.300
0.529
11.979
1.5
0.459
-88.200
2.135
90.500
0.196
43.200
0.651
-48.400
0.751
10.371
2.0
0.320
-110.600
1.797
73.100
0.216
40.500
0.576
-55.900
0.934
9.201
2.5
0.233
-137.000
1.559
59.000
0.234
40.400
0.531
-62.900
1.053
6.834
3.0
0.185
-167.900
1.404
47.600
0.258
41.900
0.498
-70.400
1.106
5.378
4.0
0.201
131.100
1.194
28.900
0.337
42.900
0.459
-88.600
1.062
3.973
0.1
0.719
-23.600
21.206
153.800
0.020
77.800
0.909
-16.700
0.289
30.254
0.4
0.370
-58.400
11.262
112.100
0.056
68.700
0.570
-34.900
0.762
23.034
0.8
0.180
-70.900
6.280
91.400
0.096
68.900
0.428
-36.300
0.960
18.157
1.0
0.130
-71.700
5.142
85.100
0.117
68.400
0.400
-36.900
0.994
16.429
1.5
0.055
-66.900
3.540
72.600
0.168
65.900
0.363
-40.600
1.033
12.121
2.0
0.019
16.800
2.757
62.400
0.220
62.100
0.341
-45.900
1.037
9.798
2.5
0.045
61.700
2.272
53.100
0.270
57.600
0.324
-52.500
1.038
8.062
3.0
0.072
68.000
1.983
45.000
0.319
52.800
0.310
-60.200
1.027
6.928
4.0
0.127
71.700
1.625
30.200
0.410
43.000
0.283
-80.800
1.008
5.448
5.0
0.197
70.300
1.421
16.400
0.493
32.800
0.244
-108.000
0.993
4.597
VCE = 3.0 V, IC = 10 mA
VCE = 2.5 V, IC = 1.0 mA
NE685 SERIES
See notes on previous page.
Coordinates in Ohms
Frequency in GHz
(VCE = 2.5 V, IC = 1 mA)
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
4 GHz
S11
4 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
3
2
1
.4
.3
.2
.1
S12
0.1 GHz
S21
4 GHz
S21
0.1 GHz
S12
4 GHz


Similar Part No. - NE68519-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE68519-T1 NEC-NE68519-T1 Datasheet
176Kb / 17P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68519-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE686 NEC-NE686 Datasheet
140Kb / 11P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE688 CEL-NE688 Datasheet
347Kb / 20P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE685 NEC-NE685 Datasheet
176Kb / 17P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 NEC-NE687 Datasheet
196Kb / 21P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687 CEL-NE687 Datasheet
314Kb / 22P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE686 CEL-NE686 Datasheet
258Kb / 12P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE688 NEC-NE688 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
   SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com