Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE68519-T1-A Datasheet(PDF) 11 Page - California Eastern Labs

Part # NE68519-T1-A
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE68519-T1-A Datasheet(HTML) 11 Page - California Eastern Labs

Back Button NE68519-T1-A Datasheet HTML 7Page - California Eastern Labs NE68519-T1-A Datasheet HTML 8Page - California Eastern Labs NE68519-T1-A Datasheet HTML 9Page - California Eastern Labs NE68519-T1-A Datasheet HTML 10Page - California Eastern Labs NE68519-T1-A Datasheet HTML 11Page - California Eastern Labs NE68519-T1-A Datasheet HTML 12Page - California Eastern Labs NE68519-T1-A Datasheet HTML 13Page - California Eastern Labs NE68519-T1-A Datasheet HTML 14Page - California Eastern Labs NE68519-T1-A Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NE685 SERIES
NE68519 NONLINEAR MODEL
MODEL RANGE
Frequency:
0.05 to 3.0 GHz
Bias:
VCE = 0.5 V to 3.0 V, IC = 0.5 mA to 20 mA
Parameters
68519
CCB
0.13e-12
CCE
0.14e-12
LB
0.9e-9
LE
0.9e-9
CCBPKG
0.17e-12
CCEPKG
0.21e-12
LBX
0.19e-9
LCX
0.19e-9
LEX
0.19e-9
ADDITIONAL PARAMETERS
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
UNITS
(1) Gummel-Poon Model
BJT NONLINEAR MODEL PARAMETERS (1)
SCHEMATIC
Parameters
Q1
Parameters
Q1
IS
7.0e-16
MJC
0.34
BF
109
XCJC
0
NF
1
CJS
0
VAF
15
VJS
0.75
IKF
0.19
MJS
0
ISE
7.90e-13
FC
0.5
NE
2.19
TF
2.0e-12
BR
1
XTF
5.2
NR
1.08
VTF
4.58
VAR
12.4
ITF
0.011
IKR
Infinity
PTF
0
ISC
0
TR
1.0e-9
NC
2
EG
1.11
RE
1.3
XTB
0
RB
10
XTI
3
RBM
8.34
KF
0
IRB
0.009
AF
1
RC
10
CJE
0.4e-12
VJE
0.81
MJE
0.5
CJC
0.18e-12
VJC
0.75
Base
Emitter
Collector
LBX
LB
LEX
LE
LCX
CCBPKG
CCB
CCE
CCEPKG
Q1


Similar Part No. - NE68519-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE68519-T1 NEC-NE68519-T1 Datasheet
176Kb / 17P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68519-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE686 NEC-NE686 Datasheet
140Kb / 11P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE688 CEL-NE688 Datasheet
347Kb / 20P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE685 NEC-NE685 Datasheet
176Kb / 17P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 NEC-NE687 Datasheet
196Kb / 21P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687 CEL-NE687 Datasheet
314Kb / 22P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE686 CEL-NE686 Datasheet
258Kb / 12P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE688 NEC-NE688 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
   SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com