Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE68639-T1 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE68639-T1
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE68639-T1 Datasheet(HTML) 1 Page - California Eastern Labs

  NE68639-T1 Datasheet HTML 1Page - California Eastern Labs NE68639-T1 Datasheet HTML 2Page - California Eastern Labs NE68639-T1 Datasheet HTML 3Page - California Eastern Labs NE68639-T1 Datasheet HTML 4Page - California Eastern Labs NE68639-T1 Datasheet HTML 5Page - California Eastern Labs NE68639-T1 Datasheet HTML 6Page - California Eastern Labs NE68639-T1 Datasheet HTML 7Page - California Eastern Labs NE68639-T1 Datasheet HTML 8Page - California Eastern Labs NE68639-T1 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
details:
details:
details:
details:
details:
NE68630
NE68630
NE68630
NE68630
NE68630
NE68633
NE68633
NE68633
NE68633
NE68633
NE68639
NE68639
NE68639
NE68639
NE68639
NE68639R
NE68639R
NE68639R
NE68639R
NE68639R
SURFACE MOUNT NPN SILICON
HIGH FREQUENCY TRANSISTOR
NE686
SERIES
30 (SOT 323 STYLE)
39 (SOT 143 STYLE)
33 (SOT 23 STYLE)
19 (3 PIN ULTRA SUPER
MINI MOLD)
39R (SOT 143R STYLE)
18 (SOT 343 STYLE)
Notes: 1. Precaution: Devices are ESD sensitive. Use proper handling procedures.
2. Electronic Industrial Association of Japan.
3. Pulsed measurement, PW ≤ 350 µs, duty cycle ≤ 2%.
4. The emitter terminal should be connected to the ground terminal of
the 3 terminal capacitance bridge.
California Eastern Laboratories
FEATURES
• HIGH GAIN BANDWIDTH PRODUCT: fT of 15 GHz
• LOW VOLTAGE/LOW CURRENT OPERATION
• HIGH INSERTION POWER GAIN:
|S21E|2 = 12 dB @ 2 V, 7 mA, 2 GHz
|S21E|2 = 11 dB @ 1 V, 5 mA, 2 GHz
• LOW NOISE: 1.5 dB AT 2.0 GHz
• AVAILABLE IN SIX LOW COST PLASTIC SURFACE
MOUNT PACKAGE STYLES
DESCRIPTION
NEC's NE686 series of NPN epitaxial silicon transistors are
designed for low voltage/low current, amplifier and oscillator
applications. NE686's high fT make it an excellent choice for
portable wireless applications up to 5 GHz. The NE686 die is
available in six different low cost plastic surface mount pack-
age styles.
PART NUMBER1
NE68618
NE68619
NE68630
NE68633
NE68639/39R
EIAJ2 REGISTERED NUMBER
2SC5180
2SC5181
2SC5179
2SC5177
2SC5178/78R
PACKAGE OUTLINE
18
19
30
33
39/39R
SYMBOLS PARAMETERS AND CONDITIONS UNITS MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
fT
Gain Bandwidth Product at
VCE = 2 V, IC = 7 mA, f = 2.0 GHz
GHz
12 15.5
10
13
7.5
9
10
13
10.5 13.5
fT
Gain Bandwidth Product at
VCE = 1 V, IC = 5 mA, f = 2.0 GHz
GHz
10
13
8.5
12
7
8.5
8.5
12
8.5
12
NFMIN
Minimum Noise Figure at
VCE = 2 V, IC = 3 mA, f = 2.0 GHz
dB
1.5
2.0
1.5
2.0
1.5
2.0
1.5
2.0
1.5
2.0
NFMIN
Minimum Noise Figure at
VCE = 1 V, IC = 3 mA, f = 2.0 GHz
dB
1.5
2.0
1.5
2.0
1.5
2.0
1.5
2.0
1.5
2.0
|S21e|2
Insertion Power Gain at
VCE = 2V, IC =7 mA, f = 2.0 GHz
dB
10
12
8
10.5
7.5
9
7.5
9
9.5 11.5
|S21e|2
Insertion Power Gain at
VCE = 1V, IC =5 mA, f = 2.0 GHz
dB
8.5 11
7
9
7
8.5
7
8.5
7.5 10.5
hFE
Forward Current Gain3 at
VCE = 2 V, IC = 7 mA
70
140
70
140
70
140
70
140
70
140
ICBO
Collector Cutoff Current
at VCB = 5 V, IE = 0 mA
nA
100
100
100
100
100
IEBO
Emitter Cutoff Current
at VEB = 1 V, IC = 0 mA
nA
100
100
100
100
100
CRE4
Feedback Capacitance at
VCB = 2 V, IE = 0 mA, f = 1 MHz
pF
0.3
0.5
0.4
0.6
0.4
0.6
0.5
0.6
0.3
0.5
PT
Total Power Dissipation
mW
30
30
30
30
30
RTH(J-A)
Thermal Resistance
(Junction to Ambient)
°C/W
833
1250
833
625
625
RTH(J-C)
Thermal Resistance(Junction to Case) °C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C)


Similar Part No. - NE68639-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE68639-T1 NEC-NE68639-T1 Datasheet
140Kb / 11P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68639-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE686 NEC-NE686 Datasheet
140Kb / 11P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE688 CEL-NE688 Datasheet
347Kb / 20P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE685 NEC-NE685 Datasheet
176Kb / 17P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 NEC-NE687 Datasheet
196Kb / 21P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687 CEL-NE687 Datasheet
314Kb / 22P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE685 CEL-NE685 Datasheet
354Kb / 18P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE688 NEC-NE688 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
   SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com