Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4P789 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4P789
Description  Surface Mount Plastic PIN Diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4P789 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4P789 Datasheet HTML 1Page - Tyco Electronics MA4P789 Datasheet HTML 2Page - Tyco Electronics MA4P789 Datasheet HTML 3Page - Tyco Electronics MA4P789 Datasheet HTML 4Page - Tyco Electronics MA4P789 Datasheet HTML 5Page - Tyco Electronics MA4P789 Datasheet HTML 6Page - Tyco Electronics MA4P789 Datasheet HTML 7Page - Tyco Electronics MA4P789 Datasheet HTML 8Page - Tyco Electronics MA4P789 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Surface Mount
Plastic PIN Diodes
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
1
V16
SMPP Series
Also Offering
RoHS Compliant
Equivalent Parts
The MA4P277/MA4P7437/MADP-007437 series and
MA4P278/MA4P7438/MADP-007438 series device
have thicker intrinsic regions to provide lower distor-
tion in attenuator circuits.
The MA4P290/MADP-007167 series devices have
the thickest I-Region, offering the lowest distortion
and highest IP3 for current controlled attenuator cir-
cuits. These devices are ideal for AGC functions for
infrastructure and CATV applications.
These parts are available as single diodes, series
tees (ST), series tee reverse (STR), common
cathode pairs (CK), common anode pairs (CA), and
unconnected
pairs
in
the
respective
featured
packages.
M/A-COM’s PIN diodes are available in the SOT-23
(case style 287), the SOT-143 (case style 1068), the
SOT-323/SC-70 (3L) (case style 1146), the
SOD-323
(case
style
1141),
and
the
SC-79 (case style 1279) packages. These packages
are supplied on tape and reel for automatic pick and
place assembly. The tape and reel suffix designation
is a “T” at the end of the part number.
Package Outlines
SOT-23
SC-79
SOT-143
SOD-323
SOT-323
Features
• Industry Standard Surface Mount Packages
• Lead-Free (RoHS Compliant) Equivalents
Available with 260
°C Reflow Compatibility
• Low Loss, High Isolation Switching Diodes
• Low Distortion Attenuator Diodes
• Single and Dual Diode Configurations
• Tape and Reel Packaging
Description and Applications
M/A-COM offers silicon PIN diodes in five standard,
low cost, surface mount plastic packages for use as
switches and attenuators. These diodes are offered
with standard Sn/Pb plating, as well as with 100%
matte Sn plating on our RoHS compliant devices.
M/A-COM’s PIN diodes feature a variety of I-region
lengths resulting in lower resistance, and lower
capacitance devices for various microwave control
circuit applications.
The MA4P275/MA4P7436/MADP-007436 series
offer the lowest series resistance for best perform-
ance as low loss series switches and high isolation
shunt switches.
The MA4P789/ MA4P7433/MADP-007433 series
have the lowest capacitance and offers the highest
isolation in series and series-shunt switches through
3GHz.
The MA4P282/ MA4P7447/MADP-007155 series
and the MA4P274/MA4P7455/ MADP-007455 series
are general purpose PIN diodes useful as either
switches or attenuators
.


Similar Part No. - MA4P789

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P789 MA-COM-MA4P789 Datasheet
241Kb / 10P
   PIN Diodes for Microwave Switch Designs
MA4P789 MA-COM-MA4P789 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
MA4P789-1068T MACOM-MA4P789-1068T Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
MA4P789-1141T MACOM-MA4P789-1141T Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
MA4P789-1146T MACOM-MA4P789-1146T Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
More results

Similar Description - MA4P789

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPPSERIES MACOM-SMPPSERIES Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T Datasheet
762Kb / 6P
   Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP MA-COM-SMPP_15 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com