Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE68830-T1-A Datasheet(PDF) 11 Page - California Eastern Labs

Part # NE68830-T1-A
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE68830-T1-A Datasheet(HTML) 11 Page - California Eastern Labs

Back Button NE68830-T1-A Datasheet HTML 7Page - California Eastern Labs NE68830-T1-A Datasheet HTML 8Page - California Eastern Labs NE68830-T1-A Datasheet HTML 9Page - California Eastern Labs NE68830-T1-A Datasheet HTML 10Page - California Eastern Labs NE68830-T1-A Datasheet HTML 11Page - California Eastern Labs NE68830-T1-A Datasheet HTML 12Page - California Eastern Labs NE68830-T1-A Datasheet HTML 13Page - California Eastern Labs NE68830-T1-A Datasheet HTML 14Page - California Eastern Labs NE68830-T1-A Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
NE68839
VCE = 5.0 V, IC = 5.0 mA
0.1
0.840
-29.900
14.218
158.000
0.029
74.900
0.937
-17.100
0.114
26.904
0.4
0.574
-94.600
9.003
116.400
0.078
51.400
0.598
-46.200
0.444
20.623
0.8
0.440
-144.900
5.274
91.200
0.105
46.300
0.372
-58.000
0.750
17.010
1.0
0.425 -
162.500
4.315
83.200
0.116
46.700
0.315
-61.700
0.854
15.705
1.5
0.443
167.400
2.978
67.400
0.147
47.900
0.232
-72.500
0.991
13.066
2.0
0.489
147.700
2.263
54.300
0.178
47.900
0.190
-89.500
1.045
9.746
2.5
0.534
133.000
1.846
43.100
0.211
46.500
0.177
-111.500
1.048
8.074
3.0
0.575
122.900
1.549
33.600
0.244
44.400
0.190
-133.600
1.040
6.802
4.0
0.660
106.200
1.190
17.500
0.308
38.000
0.264
-166.000
0.974
5.870
5.0
0.728
92.400
0.962
4.100
0.362
29.700
0.365
172.800
0.925
4.245
VCE = 5.0 V, IC = 10 mA
0.1
0.703
-41.700
22.638
149.200
0.027
69.700
0.865
-26.400
0.232
29.235
0.4
0.441
-117.800
11.095
106.400
0.064
54.500
0.432
-59.100
0.640
22.389
0.8
0.378
-163.300
6.015
85.900
0.095
55.900
0.246
-71.500
0.901
18.015
1.0
0.383
-177.500
4.863
79.200
0.112
56.300
0.203
-77.000
0.956
16.377
1.5
0.418
158.400
3.313
65.600
0.153
55.200
0.145
-97.200
1.020
12.494
2.0
0.468
142.100
2.505
53.900
0.193
52.200
0.133
-126.000
1.035
9.985
2.5
0.512
130.300
2.034
43.700
0.231
48.300
0.153
-152.300
1.034
8.325
3.0
0.559
120.900
1.708
34.800
0.265
44.100
0.191
-170.400
1.024
7.135
4.0
0.638
105.400
1.312
19.300
0.325
35.200
0.282
168.100
0.993
6.061
5.0
0.712
92.600
1.066
5.700
0.370
26.100
0.377
154.100
0.954
4.596
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE688 SERIES
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain


Similar Part No. - NE68830-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE68830-T1 NEC-NE68830-T1 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68830-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NE686 NEC-NE686 Datasheet
140Kb / 11P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE685 NEC-NE685 Datasheet
176Kb / 17P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 NEC-NE687 Datasheet
196Kb / 21P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687 CEL-NE687 Datasheet
314Kb / 22P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE685 CEL-NE685 Datasheet
354Kb / 18P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE686 CEL-NE686 Datasheet
258Kb / 12P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE688 NEC-NE688 Datasheet
231Kb / 19P
   SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
   SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
   NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com