Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-112-PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-112-PIN
Description  SPDT RF Switch, 20 - 2000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-112-PIN Datasheet(HTML) 2 Page - Tyco Electronics

  SW-112-PIN Datasheet HTML 1Page - Tyco Electronics SW-112-PIN Datasheet HTML 2Page - Tyco Electronics SW-112-PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&'' ())**)) + ,%-.&())**))
#
$ %//0-'&1./*'' + ,%//0-'&1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
*
!
+
) ,--.
/0-.
$
1
2
3
4
2
4 5
6
A
*' *'''
5=
*' 0'''
5=
*' 1''
5=
4
4
4
A
A
A
A
A
A
* *
* '
0 &
2:; <
A
*' *'''
5=
*' 0'''
5=
<
<
A
A
A
A
0 1%0
0 *%0
A
*' *'''
5=
*' 0'''
5=
*' 1''
5=
4
4
4
1'
)'
.'
A
A
A
A
A
A
$
$
$
"
A
A
A
B:
B:
2
A
A
A
* '
0 '
/'
A
A
A
0 4
8
A
4
A
0(
A
8*
+
C1 4
A
4
A
C)'
A
8(
+
C1 4
A
4
A
C('
A
4
8
C-
C01 27
D (1
,
1 27
E1F D (1
,
A
;
A
1''
A
0
"
C0* 27
G1 27
E1F
1'
<+


Similar Part No. - SW-112-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-112-PIN MA-COM-SW-112-PIN Datasheet
54Kb / 3P
   SPDT RF Switch, 20 - 2000 MHz
More results

Similar Description - SW-112-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-112 MACOM-SW-112 Datasheet
106Kb / 1P
   SPDT RF Switch 20 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-112-PIN MA-COM-SW-112-PIN Datasheet
54Kb / 3P
   SPDT RF Switch, 20 - 2000 MHz
logo
Tyco Electronics
SW-132 MACOM-SW-132 Datasheet
100Kb / 2P
   SPDT RF Switch 200 - 2000 MHz
logo
Peregrine Semiconductor...
PE42510A PEREGRINE-PE42510A Datasheet
380Kb / 7P
   SPDT High Power UltraCMOS RF Switch 30-2000 MHz
PE42510A PEREGRINE-PE42510A Datasheet
375Kb / 7P
   SPDT High Power UltraCMOS RF Switch 30 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-162-PIN MA-COM-SW-162-PIN Datasheet
54Kb / 3P
   Matched SPDT RF Switch, 20 - 1500 MHz
logo
Tyco Electronics
SW-162 MACOM-SW-162 Datasheet
83Kb / 1P
   Matched SPDT RF Switch 20 - 1500 MHz
SW-217 MACOM-SW-217 Datasheet
73Kb / 2P
   GaAs SPDT Switch 5 - 2000 MHz
logo
Peregrine Semiconductor
PE42510AMLI-Z PSEMI-PE42510AMLI-Z Datasheet
821Kb / 7P
   SPDT High Power UltraCMOS짰 Reflective RF Switch 30 - 2000 MHz
logo
Tyco Electronics
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
   Matched GaAs SPDT Switch, 5 - 2000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com