Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE856M02 Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE856M02
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE856M02 Datasheet(HTML) 2 Page - California Eastern Labs

  NE856M02 Datasheet HTML 1Page - California Eastern Labs NE856M02 Datasheet HTML 2Page - California Eastern Labs NE856M02 Datasheet HTML 3Page - California Eastern Labs NE856M02 Datasheet HTML 4Page - California Eastern Labs NE856M02 Datasheet HTML 5Page - California Eastern Labs NE856M02 Datasheet HTML 6Page - California Eastern Labs NE856M02 Datasheet HTML 7Page - California Eastern Labs NE856M02 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NE856M02
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
12
VEBO
Emitter to Base Voltage
V
3.0
IC
Collector Current
mA
100
PT
Total Power Dissipation2
W
1.2
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Device mounted on 0.7 mm X 16 cm2 double-sided ceramic
substrate (copper plating).
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Ambient Temperature, TA (°C)
Collector to Base Voltage, VCB (V)
Collector Current, Ic (mA)
Collector Current, IC (mA)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
FEED BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
INSERTION GAIN vs.
COLLECTOR CURRENT
DC CURRENT GAIN vs.
COLLECTOR CURRENT
2.0
1.0
0
50
100
150
Free Air
RTH (J-A) 312.5 °CW
Ceramic Substrate
16 cm x 0.7 mm
2
f = 1.0 MHz
5.0
3.0
2.0
1.0
0.5
0.8
13
5
10
20
30
VCE = 10 V
200
100
50
20
10
0.5
1
5
10
50
15
10
5
0
1
3
5
10
20 30
50
100
VCE = 10 V
f = 1 GHz
PART NUMBER
QUANTITY
PACKAGING
NE856M02-T1-AZ
1000
Tape & Reel
ORDERING INFORMATION


Similar Part No. - NE856M02

ManufacturerPart #DatasheetDescription
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
NE856M02-T1 NEC-NE856M02-T1 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
More results

Similar Description - NE856M02

ManufacturerPart #DatasheetDescription
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
NE461M02 NEC-NE461M02 Datasheet
45Kb / 5P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
FutureWafer Tech Co.,Lt...
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
   Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SC1815 FUTUREWAFER-2SC1815 Datasheet
891Kb / 7P
   Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com