Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE85632 Datasheet(PDF) 10 Page - California Eastern Labs

Part # NE85632
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE85632 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button NE85632 Datasheet HTML 6Page - California Eastern Labs NE85632 Datasheet HTML 7Page - California Eastern Labs NE85632 Datasheet HTML 8Page - California Eastern Labs NE85632 Datasheet HTML 9Page - California Eastern Labs NE85632 Datasheet HTML 10Page - California Eastern Labs NE85632 Datasheet HTML 11Page - California Eastern Labs NE85632 Datasheet HTML 12Page - California Eastern Labs NE85632 Datasheet HTML 13Page - California Eastern Labs NE85632 Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
NE856 SERIES
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
NE85630
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
VCE = 2.5 V, IC = 1 mA
50
0.931
-14.9
3.753
166.3
0.025
85.1
0.997
-5.2
0.03
21.8
100
0.937
-29.6
3.500
161.0
0.052
75.0
0.972
-9.8
0.02
18.3
200
0.873
-55.1
3.138
141.0
0.087
59.1
0.920
-17.8
0.16
15.6
300
0.842
-76.3
2.775
127.5
0.114
47.7
0.866
-23.8
0.21
13.9
400
0.793
-95.1
2.460
115.5
0.127
39.2
0.806
-28.7
0.27
12.9
500
0.752
-110.5
2.161
105.0
0.134
32.1
0.765
-32.3
0.36
12.1
600
0.727
-123.0
1.903
96.5
0.138
28.1
0.734
-35.5
0.42
11.4
700
0.708
-133.9
1.717
88.8
0.138
23.9
0.714
-38.5
0.50
10.9
800
0.696
-143.3
1.555
82.0
0.134
22.0
0.700
-41.3
0.58
10.6
900
0.683
-151.5
1.414
76.4
0.128
21.0
0.687
-44.1
0.69
10.4
1000
0.676
-159.2
1.305
70.9
0.124
21.3
0.676
-46.8
0.78
10.2
1500
0.664
169.7
0.947
50.7
0.106
43.8
0.655
-60.8
1.22
6.7
2000
0.656
143.9
0.751
37.2
0.159
69.6
0.653
-76.4
1.10
4.8
2500
0.655
120.0
0.647
30.2
0.274
71.3
0.634
-92.7
0.94
3.7
3000
0.647
99.1
0.611
27.2
0.403
61.5
0.603
-110.7
0.94
1.8
50
0.884
-22.4
9.820
161.3
0.028
71.8
0.967
-10.9
0.22
25.4
100
0.839
-43.0
9.367
152.3
0.040
66.4
0.928
-18.5
0.10
23.7
200
0.731
-76.2
7.387
129.2
0.074
53.2
0.779
-30.1
0.26
20.0
300
0.653
-100.3
5.921
115.2
0.087
44.5
0.665
-36.1
0.38
18.3
400
0.600
-119.1
4.846
105.1
0.093
41.3
0.587
-39.9
0.49
17.2
500
0.572
-133.0
4.072
96.5
0.098
39.3
0.536
-42.0
0.60
16.2
600
0.552
-143.9
3.496
90.0
0.102
39.4
0.503
-43.8
0.70
15.3
700
0.540
-153.0
3.073
83.9
0.105
39.6
0.481
-45.5
0.80
14.7
800
0.529
-160.7
2.716
78.7
0.110
41.6
0.467
-47.4
0.88
13.9
900
0.524
-166.9
2.447
74.3
0.114
43.4
0.457
-49.3
0.95
13.3
1000
0.521
-173.7
2.242
69.7
0.118
45.6
0.448
-51.3
1.01
12.2
1500
0.517
161.3
1.589
52.2
0.157
56.6
0.431
-61.7
1.10
8.1
2000
0.510
139.8
1.253
37.9
0.219
60.2
0.433
-73.9
1.05
6.2
2500
0.525
119.5
1.060
26.8
0.300
58.2
0.431
-87.6
0.95
5.5
3000
0.537
102.7
0.930
17.9
0.390
51.9
0.418
-103.9
0.92
3.8
50
0.823
-18.6
15.781
164.3
0.013
80.1
0.955
-10.2
0.13
30.8
100
0.768
-39.4
14.539
149.3
0.025
69.2
0.885
-18.3
0.23
27.6
200
0.607
-75.7
11.892
127.5
0.039
59.0
0.705
-27.2
0.43
24.8
400
0.441
-121.3
7.582
102.9
0.055
56.8
0.538
-29.9
0.74
21.4
600
0.384
-146.2
5.346
90.3
0.070
60.5
0.481
-30.3
0.91
18.8
800
0.360
-163.3
4.104
81.2
0.084
62.9
0.457
-31.5
1.02
16.0
1000
0.350
-176.2
3.323
73.9
0.103
65.2
0.444
-34.0
1.05
13.7
1200
0.347
173.0
2.783
67.0
0.119
67.0
0.432
-38.0
1.10
11.8
1400
0.352
162.7
2.438
61.9
0.141
68.8
0.423
-40.2
1.07
10.8
1600
0.358
153.7
2.174
56.3
0.161
68.3
0.429
-43.9
1.04
10.1
1800
0.363
145.6
1.967
50.8
0.183
67.5
0.428
-47.7
1.02
9.4
2000
0.373
138.4
1.787
45.6
0.206
66.4
0.436
-51.9
0.98
9.4
2200
0.381
132.2
1.635
41.1
0.229
65.6
0.431
-56.4
0.98
8.5
2400
0.388
125.3
1.535
36.9
0.252
64.4
0.430
-60.6
0.95
7.8
2600
0.396
119.7
1.438
33.4
0.281
63.3
0.425
-65.2
0.93
7.1
2800
0.405
114.2
1.355
29.4
0.306
61.2
0.421
-69.9
0.92
6.5
3000
0.414
108.8
1.289
26.0
0.332
59.5
0.422
-74.3
0.90
5.9
3200
0.427
103.0
1.228
22.2
0.359
57.0
0.417
-79.4
0.89
5.3
3400
0.433
98.1
1.168
19.3
0.389
54.6
0.412
-84.6
0.88
4.8
3600
0.448
93.7
1.124
16.2
0.414
51.9
0.401
-90.2
0.88
4.3
VCE = 2.5 V, IC = 3 mA
VCE = 10 V, IC = 7 mA
Coordinates in Ohms
Frequency in GHz
VCE = 2.5 V, IC = 3 mA
0.2
0.4
0.6
0.8 1
1.5
2
3
4 5
10 20
50
-50
20
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
S11
S22
S21
270˚
180˚
225˚
315˚
135˚
90˚
45˚
0.1
0.2
0.3
2.5
5.0
7.5
10.0
S12


Similar Part No. - NE85632

ManufacturerPart #DatasheetDescription
logo
NEC
NE85632 NEC-NE85632 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85632 CELDUC-NE85632 Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE85632-A CELDUC-NE85632-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE85632

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com