Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3210S01-T1B Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE3210S01-T1B
Description  SUPER LOW NOISE HJ FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE3210S01-T1B Datasheet(HTML) 2 Page - California Eastern Labs

  NE3210S01-T1B Datasheet HTML 1Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 2Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 3Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 4Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 5Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 6Page - California Eastern Labs NE3210S01-T1B Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PART NUMBER
SUPPLY FORM
MARKING
NE3210S01-T1
Tape & Reel 1000 pcs/reel
NE3210S01-T1B
Tape & Reel 4000 pcs/reel
ORDERING INFORMATION
RECOMMENDED
OPERATING CONDITIONS (TA = 25°C)
PART NUMBER
NE3210S01
SYMBOLS
PARAMETERS
UNITS MIN TYP MAX
VDS
Drain to Source Voltage
V
2
3
IDS
Drain Current
mA
10 15
PIN
Input Power
dBm
0
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
4.0
VGS
Gate to Source Voltage
V
-3.0
IDS
Drain Current
mA
IDSS
IGS
Gate Current
μ
A
100
PT
Total Power Dissipation
mW
165
TCH
Channel Temperature
°C
125
TSTG
Storage Temperature
°C
-65 to +125
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NE3210S01
FREQ.
NFMIN
GA
Γ
OPT
(GHz)
(dB)
(dB)
MAG
ANG
Rn/50
VDS = 2 V, ID = 10 mA
2.0
0.25
21.2
0.94
12
0.38
4.0
0.26
19.5
0.80
26
0.33
6.0
0.28
18.2
0.66
44
0.26
8.0
0.30
16.2
0.50
68
0.18
10.0
0.32
14.7
0.38
97
0.11
12.0
0.34
13.5
0.29
133
0.09
14.0
0.42
12.9
0.27
177
0.08
16.0
0.56
12.3
0.33
-129
0.11
18.0
0.72
11.9
0.39
-82
0.23
TYPICAL NOISE PARAMETERS (TA = 25°C)
TYPICAL MOUNT PAD LAYOUT (Units in mm)
2.4 mm TYP
K


Similar Part No. - NE3210S01-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE3210S01-T1B NEC-NE3210S01-T1B Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3210S01-T1B RENESAS-NE3210S01-T1B Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - NE3210S01-T1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE23300 CEL-NE23300 Datasheet
58Kb / 5P
   SUPER LOW NOISE HJ FET
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com