Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBT2907A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMBT2907A
Description  PNP switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBT2907A Datasheet(HTML) 5 Page - NXP Semiconductors

  PMBT2907A Datasheet HTML 1Page - NXP Semiconductors PMBT2907A Datasheet HTML 2Page - NXP Semiconductors PMBT2907A Datasheet HTML 3Page - NXP Semiconductors PMBT2907A Datasheet HTML 4Page - NXP Semiconductors PMBT2907A Datasheet HTML 5Page - NXP Semiconductors PMBT2907A Datasheet HTML 6Page - NXP Semiconductors PMBT2907A Datasheet HTML 7Page - NXP Semiconductors PMBT2907A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1999 Apr 27
5
Philips Semiconductors
Product specification
PNP switching transistors
PMBT2907; PMBT2907A
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - PMBT2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT2907A NXP-PMBT2907A Datasheet
136Kb / 8P
   PNP switching transistors
2004 Jan 16
logo
Nexperia B.V. All right...
PMBT2907A NEXPERIA-PMBT2907A Datasheet
736Kb / 14P
   60V, 600 mA, PNP switching transistor
6 March 2015
PMBT2907AM NEXPERIA-PMBT2907AM Datasheet
222Kb / 13P
   60 V, 600 mA PNP switching transistor
21 September 2018
PMBT2907AMB NEXPERIA-PMBT2907AMB Datasheet
224Kb / 13P
   60 V, 600 mA PNP switching transistor
21 September 2018
PMBT2907AQA NEXPERIA-PMBT2907AQA Datasheet
244Kb / 14P
   60V, 600 mA PNP switching transistor
21 September 2018
More results

Similar Description - PMBT2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
   PNP switching transistors
2004 Jan 13
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
   PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
   PNP switching transistors
1997 May 30
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
   PNP switching transistors
1999 Apr 15
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
   PNP Switching Transistors
logo
NXP Semiconductors
2N2906 PHILIPS-2N2906 Datasheet
52Kb / 8P
   PNP switching transistors
1997 Jun 02
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
   PNP switching transistors
1997 Jun 18
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
   PNP Switching Transistors
logo
Comset Semiconductor
2N5679 COMSET-2N5679 Datasheet
79Kb / 3P
   PNP SWITCHING TRANSISTORS
logo
NXP Semiconductors
2N2905 PHILIPS-2N2905 Datasheet
55Kb / 8P
   PNP switching transistors
1997 May 28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com