Electronic Components Datasheet Search |
|
MBM29DL164TE-90TN Datasheet(PDF) 8 Page - SPANSION |
|
MBM29DL164TE-90TN Datasheet(HTML) 8 Page - SPANSION |
8 / 76 page MBM29DL16XTE/BE70/90 8 s DEVICE BUS OPERATION MBM29DL16XTE/BE User Bus Operations Table (BYTE = VIH) Legend: L = VIL, H = VIH, X = VIL or VIH, = Pulse input. See sDC CHARACTERISTICS for voltage levels. *1: Manufacturer and device codes are accessed via a command register write sequence. See “MBM29DL16XTE/ BE Command Definitions Table”. *2: Refer to “Sector Group Protection” in sFUNCTIONAL DESCRIPTION. *3: WE can be VIL if OE is VIL, OE at VIH initiates the write operations. *4: VCC = +2.7 V to +3.6 V *5: Also used for the extended sector group protection. MBM29DL16XTE/BE User Bus Operations Table (BYTE = VIL) Legend: L = VIL, H = VIH, X = VIL or VIH, = Pulse input. See sDC CHARACTERISTICS for voltage levels. *1: Manufacturer and device codes are accessed via a command register write sequence. See “MBM29DL16XTE/ BE Command Definitions Table”. *2: Refer to “Sector Group Protection” in sFUNCTIONAL DESCRIPTION. *3: WE can be VIL if OE is VIL, OE at VIH initiates the write operations. *4: VCC = +2.7 V to +3.6 V *5: Also used for the extended sector group protection. Operation CE OE WE A0 A1 A6 A9 DQ15 to DQ0 RESET WP/ACC Auto-Select Manufacturer Code*1 LL H LLL VID Code H X Auto-Select Device Code*1 LL H H LL VID Code H X Read*3 LL H A0 A1 A6 A9 DOUT HX Standby H XXXXXX High-Z H X Output Disable L H H X X X X High-Z H X Write (Program/Erase) L H L A0 A1 A6 A9 DIN HX Enable Sector Group Protection*2, *4 LVID LHL VID XH X Verify Sector Group Protection*2, *4 L L HLHL VID Code H X Temporary Sector Group Unprotection*5 XXXXXXX X VID X Reset (Hardware) / Standby XXXXXXX High-Z L X Boot Block Sector Write Protection XXXXXXX X X L Operation CE OE WE DQ15/ A-1 A0 A1 A6 A9 DQ7 to DQ0 RESET WP/ACC Auto-Select Manufacturer Code*1 LL H L LLL VID Code H X Auto-Select Device Code*1 LL H L H L L VID Code H X Read*3 LL H A-1 A0 A1 A6 A9 DOUT HX Standby H XX X XXXX High-Z H X Output Disable L H H X XXXX High-Z H X Write (Program/Erase) L H L A-1 A0 A1 A6 A9 DIN HX Enable Sector Group Protection*2, *4 LVID LL H L VID XH X Verify Sector Group Protection*2, *4 LL H L L H L VID Code H X Temporary Sector Group Unprotection*5 XXX X XXXX X VID X Reset (Hardware) / Standby XXX X XXXX High-Z L X Boot Block Sector Write Protection XXX X XXXX X X L |
Similar Part No. - MBM29DL164TE-90TN |
|
Similar Description - MBM29DL164TE-90TN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |