Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F004BC-70PFTR Datasheet(PDF) 7 Page - SPANSION

Part # MBM29F004BC-70PFTR
Description  FLASH MEMORY CMOS 4 M (512 K X 8) BIT
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F004BC-70PFTR Datasheet(HTML) 7 Page - SPANSION

Back Button MBM29F004BC-70PFTR Datasheet HTML 3Page - SPANSION MBM29F004BC-70PFTR Datasheet HTML 4Page - SPANSION MBM29F004BC-70PFTR Datasheet HTML 5Page - SPANSION MBM29F004BC-70PFTR Datasheet HTML 6Page - SPANSION MBM29F004BC-70PFTR Datasheet HTML 7Page - SPANSION MBM29F004BC-70PFTR Datasheet HTML 8Page - SPANSION MBM29F004BC-70PFTR Datasheet HTML 9Page - SPANSION MBM29F004BC-70PFTR Datasheet HTML 10Page - SPANSION MBM29F004BC-70PFTR Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
MBM29F004TC/004BC-70/90
7
s DEVICE BUS OPERATION
Table 2
MBM29F004TC/BC User Bus Operations
Legend : L
= VIL, H = VIH, X = “H” or “L”,
= Pulse Input. See DC Characteristics for voltage levels.
*1 : Manufacturer and device codes may also be accessed via a command register write sequence. Refer to Table 6.
*2 : WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
*3 : Refer to the section on Sector Protection.
*4 : To activate the command, OE has to be taken to VID.
*5 : In case of Command Mode Sector Protect.
*6 : In case of Hardware Sector Protect.
Operation
CE
OE
WE
A0
A1
A6
A9
I/O
Auto-Select Manufacturer Code*1
LL
H
L
LL
VID
Code
Auto-Select Device Code*1
LL
H
H
LL
VID
Code
Read*2
LL
H
A0
A1
A6
A9
DOUT
Standby
H
X
X
X
X
X
X
High-Z
Output Disable
L
H
H
X
X
X
X
High-Z
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
DIN
Enable Sector Protection*3
LVID
XXX
VID
X
3-Byte Sector Unlock Sequence
L
VID
A0
A1
A6
A9
DIN
2-Byte Sector Relock Sequence
L
VID
A0
A1
A6
A9
DIN
Command Mode Sector Protect*2
LVID
A0
A1
A6
A9
DIN
Verify Sector Protect*2, *5
LL
H
A0
A1
A6
A9
Code
Hardware Sector Protect*2
HVID
LX
XL
VID
X
Verify Sector Protection*2, *6
LL
H
L
H
L
VID
Code
Temporary Sector Unprotection*3
LVID
A0
A1
A6
A9
DIN


Similar Part No. - MBM29F004BC-70PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F002BC FUJITSU-MBM29F002BC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-55 FUJITSU-MBM29F002BC-55 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-70 FUJITSU-MBM29F002BC-70 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-90 FUJITSU-MBM29F002BC-90 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
More results

Similar Description - MBM29F004BC-70PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F040B FORCE-FT29F040B Datasheet
3Mb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com