Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV160TM90PBT Datasheet(PDF) 2 Page - SPANSION

Part # MBM29LV160TM90PBT
Description  FLASH MEMORY CMOS 16 M (2M X 8/1M X 16) BIT MirrorFlashTM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29LV160TM90PBT Datasheet(HTML) 2 Page - SPANSION

  MBM29LV160TM90PBT Datasheet HTML 1Page - SPANSION MBM29LV160TM90PBT Datasheet HTML 2Page - SPANSION MBM29LV160TM90PBT Datasheet HTML 3Page - SPANSION MBM29LV160TM90PBT Datasheet HTML 4Page - SPANSION MBM29LV160TM90PBT Datasheet HTML 5Page - SPANSION MBM29LV160TM90PBT Datasheet HTML 6Page - SPANSION MBM29LV160TM90PBT Datasheet HTML 7Page - SPANSION MBM29LV160TM90PBT Datasheet HTML 8Page - SPANSION MBM29LV160TM90PBT Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
MBM29LV160TM/BM90
2
(Continued)
The MBM29LV160TM/BM supports command set compatible with JEDEC single-power-supply EEPROMS stan-
dard. Commands are written into the command register. The register contents serve as input to an internal state-
machine which controls the erase and programming circuitry. Write cycles also internally latch addresses and
data needed for the programming and erase operations. Reading data out of the devices is similar to reading
from 5.0 V and 12.0 V Flash or EPROM devices.
The MBM29LV160TM/BM is programmed by executing the program command sequence. This will invoke the
Embedded Program AlgorithmTM which is an internal algorithm that automatically times the program pulse widths
and verifies proper cell margin. Erase is accomplished by executing the erase command sequence. This will
invoke the Embedded Erase AlgorithmTM which is an internal algorithm that automatically preprograms the array
if it is not already programmed before executing the erase operation. During erase, the device automatically
times the erase pulse widths and verifies proper cell margin.
The device also features a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. All sectors are erased when shipped from the factory.
The device features single 3.0 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7,
by the Toggle Bit feature on DQ6. Once the end of a program or erase cycle has been completed, the devices
internally return to the read mode.
Fujitsu Flash technology combines years of Flash memory manufacturing experience to produce the highest
levels of quality, reliability, and cost effectiveness. The devices electrically erase all bits within a sector simulta-
neously via hot-hole assisted erase. The bytes/words are programmed one bytes/words at a time using the
EPROM programming mechanism of hot electron injection.


Similar Part No. - MBM29LV160TM90PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29LV160T-12 FUJITSU-MBM29LV160T-12 Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29LV160T-12 SPANSION-MBM29LV160T-12 Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29LV160T-12PBT FUJITSU-MBM29LV160T-12PBT Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
More results

Similar Description - MBM29LV160TM90PBT

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
MBM29PL65LM-90 SPANSION-MBM29PL65LM-90 Datasheet
624Kb / 56P
   FLASH MEMORY CMOS 64 M (4M X 16) BIT MirrorFlashTM
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
SPANSION
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com