Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29SL800TE-90PBT Datasheet(PDF) 7 Page - SPANSION

Part # MBM29SL800TE-90PBT
Description  FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29SL800TE-90PBT Datasheet(HTML) 7 Page - SPANSION

Back Button MBM29SL800TE-90PBT Datasheet HTML 3Page - SPANSION MBM29SL800TE-90PBT Datasheet HTML 4Page - SPANSION MBM29SL800TE-90PBT Datasheet HTML 5Page - SPANSION MBM29SL800TE-90PBT Datasheet HTML 6Page - SPANSION MBM29SL800TE-90PBT Datasheet HTML 7Page - SPANSION MBM29SL800TE-90PBT Datasheet HTML 8Page - SPANSION MBM29SL800TE-90PBT Datasheet HTML 9Page - SPANSION MBM29SL800TE-90PBT Datasheet HTML 10Page - SPANSION MBM29SL800TE-90PBT Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
MBM29SL800TE/BE-90/10
7
s DEVICE BUS OPERATION
MBM29SL800TE/BE User Bus Operations (BYTE
==== VIH)
Legend : L
= VIL, H = VIH, X = VIL or VIH, See s DC CHARACTERISTICS.
*1: Manufacturer and device codes may also be accessed via a command register write sequence. See
“MBM29SL800TE/BE Standard Command Definitions”.
*2: Refer to the section on Sector Protection.
*3: WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
*4: VCC
= 1.8 V ± 0.15V
*5: It is also used for the extended sector protection.
MBM29SL800TE/BE User Bus Operations (BYTE
==== VIL)
Legend : L
= VIL, H = VIH, X = VIL or VIH, See s DC CHARACTERISTICS.
*1: Manufacturer and device codes may also be accessed via a command register write sequence.
See “MBM29SL800TE/BE Standard Command Definitions”.
*2: Refer to the section on Sector Protection.
*3: WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
*4: VCC
= 1.8 V ± 0.15 V
*5: It is also used for the extended sector protection.
Operation
CE
OE
WE
A0
A1
A6
A9
DQ15 to DQ0
RESET
Standby
H
X
X
X
X
X
X
High-Z
H
Autoselect Manufacturer Code *1
LL
H
LLL
VID
Code
H
Autoselect Device Code *1
LL
H
H
LL
VID
Code
H
Read *3
LL
H
A0
A1
A6
A9
DOUT
H
Output Disable
L
H
H
X
X
X
X
High-Z
H
Write
L
H
L
A0
A1
A6
A9
DIN
H
Enable Sector Protection *2, *4
LHL
L
HL
X
X
VID
Verify Sector Protection *2, *4
L
L
HLHL
VID
Code
H
Temporary Sector Unprotection *5
XXXXXXX
X
VID
Reset (Hardware) /Standby
XXXXXXX
High-Z
L
Operation
CE
OE
WE
DQ15/
A-1
A0
A1
A6
A9
DQ7 to
DQ0
RESET
Standby
H
X
X
X
XXXX
High-Z
H
Autoselect Manufacturer Code *1
LL
H
L
LLL
VID
Code
H
Autoselect Device Code *1
LL
H
L
H
L
L
VID
Code
H
Read *3
LL
H
A-1
A0
A1
A6
A9
DOUT
H
Output Disable
L
H
H
X
XXXX
High-Z
H
Write
L
H
L
A-1
A0
A1
A6
A9
DIN
H
Enable Sector Protection *2, *4
LHL
L
LHL
VID
XVID
Verify Sector Protection *2, *4
LL
H
L
L
H
L
VID
Code
H
Temporary Sector Unprotection *5
XXX
X
XXXX
X
VID
Reset (Hardware) /Standby
X
X
X
X
XXXX
High-Z
L


Similar Part No. - MBM29SL800TE-90PBT

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10PBT SPANSION-MBM29SL800TD-10PBT Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10PFTN SPANSION-MBM29SL800TD-10PFTN Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10PFTR SPANSION-MBM29SL800TD-10PFTR Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10PW SPANSION-MBM29SL800TD-10PW Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
More results

Similar Description - MBM29SL800TE-90PBT

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29DL800B AMD-AM29DL800B_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com