Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSTLW392M400V64X141F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSTLW392M400V64X141F
Description  Screw Terminal Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSTLW392M400V64X141F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSTLW392M400V64X141F Datasheet HTML 1Page - NIC-Components Corp. NSTLW392M400V64X141F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
179
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Voltage
(VDC)
Cap.
(
µF)
Tan
δ
Max.
Max.
Leakage
Current (
µA)
Max. Ripple Current
(Arms@105°C)
Case Size
120Hz
5KHz ~
D
L
P
350
1800
0.20
2381
5.51
7.71
51
98
21.8
2200
0.20
2632
6.20
8.68
51
118
21.8
2700
0.20
2916
6.95
9.73
51
138
21.8
3300
0.20
3224
8.41
11.77
51
148
21.8
3900
0.25
3504
9.18
12.85
64
119
28.2
4700
0.25
3847
10.20
14.28
64
139
28.2
4700
0.25
3847
11.40
15.96
77
101
31.4
5600
0.25
4200
12.60
17.64
77
121
31.4
6800
0.25
4628
14.10
19.74
77
141
31.4
8200
0.25
5000
18.30
25.62
77
151
31.4
10000
0.25
5000
20.40
28.56
90
141
31.4
400
1200
0.20
2078
4.69
6.56
51
98
21.8
1500
0.20
2323
5.33
7.46
51
118
21.8
1800
0.20
2545
5.80
8.12
51
118
21.8
2200
0.20
2814
6.49
9.08
51
138
21.8
2700
0.20
3117
8.00
11.20
51
148
21.8
3300
0.20
3446
8.90
12.46
64
139
28.2
3900
0.25
3746
9.69
13.56
64
149
28.2
4700
0.25
4113
12.00
16.80
77
121
31.4
5600
0.25
4489
13.20
18.48
77
141
31.4
6800
0.25
4947
18.00
25.20
90
141
31.4
8200
0.25
5000
19.50
27.30
90
151
31.4
450
1000
0.20
2012
4.26
5.96
51
98
21.8
1200
0.20
2204
4.75
6.65
51
98
21.8
1500
0.20
2464
5.27
7.37
51
118
21.8
1800
0.20
2700
5.86
8.20
51
138
21.8
1800
0.25
2700
6.36
8.90
64
99
28.2
2200
0.25
2984
7.16
10.02
64
119
28.2
2700
0.25
3306
8.02
11.22
64
139
28.2
3300
0.25
3655
8.88
12.43
64
149
28.2
3900
0.25
3974
10.10
14.14
77
121
31.4
4700
0.25
4362
12.10
16.94
77
141
31.4
4700
0.25
4362
14.60
20.44
90
121
31.4
5600
0.25
4762
16.20
22.68
90
141
31.4
6800
0.25
5000
17.80
24.92
90
141
31.4
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Screw Terminal Aluminum Electrolytic CapacitorsNSTLW Series


Similar Part No. - NSTLW392M400V64X141F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSTL NIC-NSTL Datasheet
55Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTL103M350V51X141F NIC-NSTL103M350V51X141F Datasheet
55Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTL103M350V51X141P2F NIC-NSTL103M350V51X141P2F Datasheet
55Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTL103M350V51X141P3F NIC-NSTL103M350V51X141P3F Datasheet
55Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTL103M350V64X141F NIC-NSTL103M350V64X141F Datasheet
55Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - NSTLW392M400V64X141F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ_15 Datasheet
172Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com