Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL162BD-70PFTR Datasheet(PDF) 9 Page - SPANSION

Part # MBM29DL162BD-70PFTR
Description  FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29DL162BD-70PFTR Datasheet(HTML) 9 Page - SPANSION

Back Button MBM29DL162BD-70PFTR Datasheet HTML 5Page - SPANSION MBM29DL162BD-70PFTR Datasheet HTML 6Page - SPANSION MBM29DL162BD-70PFTR Datasheet HTML 7Page - SPANSION MBM29DL162BD-70PFTR Datasheet HTML 8Page - SPANSION MBM29DL162BD-70PFTR Datasheet HTML 9Page - SPANSION MBM29DL162BD-70PFTR Datasheet HTML 10Page - SPANSION MBM29DL162BD-70PFTR Datasheet HTML 11Page - SPANSION MBM29DL162BD-70PFTR Datasheet HTML 12Page - SPANSION MBM29DL162BD-70PFTR Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
MBM29DL16XTD/BD-70/90
9
*1 : Both of these reset commands are equivalent.
*2 : This command is valid during Fast Mode.
*3 : This command is valid while RESET = VID (except during HiddenROM MODE) .
MBM29DL16XTD/BD Command Definitions Table
Command
Sequence
Bus
Write
Cycles
Req’d
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr. Data Addr.
Data
Addr. Data Addr. Data Addr. Data Addr. Data
Read/Reset*1
Word
1
XXXh
F0h
Byte
Read/Reset*1
Word
3
555h
AAh
2AAh
55h
555h
F0h
RA*7
RD*7
————
Byte
AAAh
555h
AAAh
Autoselect
Word
3
555h
AAh
2AAh
55h
(BA)
555h
90h
IA*7
ID*7
————
Byte
AAAh
555h
(BA)
AAAh
Program
Word
4
555h
AAh
2AAh
55h
555h
A0h
PA
PD
Byte
AAAh
555h
AAAh
Program Suspend
1
BA
B0h
————
Program Resume
1
BA
30h
Chip Erase
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
555h
10h
Byte
AAAh
555h
AAAh
AAAh
555h
AAAh
Sector Erase
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
SA
30h
Byte
AAAh
555h
AAAh
AAAh
555h
Erase Suspend
1
BA
B0h
Erase Resume
1
BA
30h
Set to
Fast Mode
Word
3
555h
AAh
2AAh
55h
555h
20h
Byte
AAAh
555h
AAAh
Fast
Program *2
Word
2
XXXh
A0h
PA
PD
————
Byte
XXXh
Reset from
Fast Mode *2
Word
2
BA
90h
XXXh
F0h*6
————
Byte
BA
XXXh
Extended
Sector Group
Protection *3
Word
3
XXXh
60h
SPA
60h
SPA
40h
SPA*7 SD*7
————
Byte
Query *4
Word
1
(BA)
55h
98h
Byte
(BA)
AAh
HiddenROM
Entry
Word
3
555h
AAh
2AAh
55h
555h
88h
Byte
AAAh
555h
AAAh
HiddenROM
Program *5
Word
4
555h
AAh
2AAh
55h
555h
A0h
PA
(HRA)
PD
————
Byte
AAAh
555h
AAAh
HiddenROM
Erase *5
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
HRA
30h
Byte
AAAh
555h
AAAh
AAAh
555h
HiddenROM
Exit *5
Word
4
555h
AAh
2AAh
55h
(HRBA)
555h
90hXXXh00h
Byte
AAAh
555h
(HRBA)
AAAh


Similar Part No. - MBM29DL162BD-70PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL162BD FUJITSU-MBM29DL162BD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL162BD-70PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV160DT-B MCNIX-MX29LV160DT-B Datasheet
1Mb / 66P
   16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com