Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL163BE-90TR Datasheet(PDF) 6 Page - SPANSION

Part # MBM29DL163BE-90TR
Description  FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29DL163BE-90TR Datasheet(HTML) 6 Page - SPANSION

Back Button MBM29DL163BE-90TR Datasheet HTML 2Page - SPANSION MBM29DL163BE-90TR Datasheet HTML 3Page - SPANSION MBM29DL163BE-90TR Datasheet HTML 4Page - SPANSION MBM29DL163BE-90TR Datasheet HTML 5Page - SPANSION MBM29DL163BE-90TR Datasheet HTML 6Page - SPANSION MBM29DL163BE-90TR Datasheet HTML 7Page - SPANSION MBM29DL163BE-90TR Datasheet HTML 8Page - SPANSION MBM29DL163BE-90TR Datasheet HTML 9Page - SPANSION MBM29DL163BE-90TR Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
MBM29DL16XTE/BE70/90
6
(Continued)
s PIN DESCRIPTIONS
Pin Name
Function
Pin Name
Function
A19 to A0, A-1
Address Input
RY/BY
Ready/Busy Output
DQ15 to DQ0
Data Input/Output
BYTE
Selects 8-bit or 16-bit mode
CE
Chip Enable
WP/ACC
Hardware Write Protection/
Program Acceleration
OE
Output Enable
VSS
Device Ground
WE
Write Enable
VCC
Device Power Supply
RESET
Hardware Reset Pin/
Temporary Sector Group Unprotection
N.C.
No Internal Connection
FBGA
(TOP VIEW)
A13
A12
A14
A15
A16
BYTE
A9
A8
A10
A11
DQ7
DQ14
WE
RESET N.C.
A19
DQ5
DQ12
RY/BY WP/ACC A18
N.C.
DQ2
DQ10
A7
A17
A6
A5
DQ0
DQ8
A3
A4
A2
A1
A0
CE
DQ15/A-1 VSS
DQ13
DQ6
VCC
DQ4
DQ11
DQ3
DQ9
DQ1
OE
VSS
(BGA-48P-M11)
H6
A3
B3
C3
D3
E3
F3
A2
B2
C2
D2
E2
F2
A1
B1
C1
D1
E1
F1
G3
H3
G2
H2
G1
H1
A6
B6
C6
D6
E6
F6
A5
B5
C5
D5
E5
F5
A4
B4
C4
D4
E4
F4
G5
H5
G6
G4
H4
Marking side


Similar Part No. - MBM29DL163BE-90TR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL163BE70PBT FUJITSU-MBM29DL163BE70PBT Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
MBM29DL163BE70PFTN FUJITSU-MBM29DL163BE70PFTN Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
MBM29DL163BE70PFTR FUJITSU-MBM29DL163BE70PFTR Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL163BE-90TR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV160DT-B MCNIX-MX29LV160DT-B Datasheet
1Mb / 66P
   16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com