Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29DL162BE-90PBT Datasheet(PDF) 3 Page - SPANSION

Part # MBM29DL162BE-90PBT
Description  FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29DL162BE-90PBT Datasheet(HTML) 3 Page - SPANSION

  MBM29DL162BE-90PBT Datasheet HTML 1Page - SPANSION MBM29DL162BE-90PBT Datasheet HTML 2Page - SPANSION MBM29DL162BE-90PBT Datasheet HTML 3Page - SPANSION MBM29DL162BE-90PBT Datasheet HTML 4Page - SPANSION MBM29DL162BE-90PBT Datasheet HTML 5Page - SPANSION MBM29DL162BE-90PBT Datasheet HTML 6Page - SPANSION MBM29DL162BE-90PBT Datasheet HTML 7Page - SPANSION MBM29DL162BE-90PBT Datasheet HTML 8Page - SPANSION MBM29DL162BE-90PBT Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
MBM29DL16XTE/BE70/90
3
s GENERAL DESCRIPTION
The MBM29DL16XTE/BE are a 16M-bit, 3.0 V-only Flash memory organized as 2M bytes of 8 bits each or 1M
words of 16 bits each. The MBM29DL16XTE/BE are offered in a 48-pin TSOP(1) and 48-pin FBGA Package.
These devices are designed to be programmed in-system with the standard system 3.0 V VCC supply. 12.0 V
VPP and 5.0 V VCC are not required for write or erase operations. The devices can also be reprogrammed in
standard EPROM programmers.
MBM29DL16XTE/BE are organized into two banks, Bank 1 and Bank 2, which are considered to be two separate
memory arrays for operations. It is the Fujitsu’s standard 3 V only Flash memories with the additional capability
of allowing a normal non-delayed read access from a non-busy bank of the array while an embedded write (either
a program or an erase) operation is simultaneously taking place on the other bank.
In the MBM29DL16XTE/BE, a new design concept is implemented, so called “Sliding Bank Architecture”. Under
this concept, the MBM29DL16XTE/BE can be produced a series of devices with different Bank 1/Bank 2 size
combinations; 0.5 Mb/15.5 Mb, 2 Mb/14 Mb, 4 Mb/12 Mb, 8 Mb/8 Mb.
The standard MBM29DL16XTE/BE offer access times 70 ns and 90 ns, allowing operation of high-speed
microprocessors without wait states. To eliminate bus contention the devices have separate chip enable (CE),
write enable (WE), and output enable (OE) controls.
The MBM29DL16XTE/BE are pin and command set compatible with JEDEC standard E2PROMs. Commands
are written to the command register using standard microprocessor write timings. Register contents serve as
input to an internal state-machine which controls the erase and programming circuitry. Write cycles also internally
latch addresses and data needed for the programming and erase operations. Reading data out of the devices
is similar to reading from 5.0 V and 12.0 V Flash or EPROM devices.
The MBM29DL16XTE/BE are programmed by executing the program command sequence. This will invoke the
Embedded Program Algorithm which is an internal algorithm that automatically times the program pulse widths
and verifies proper cell margin. Typically, each sector can be programmed and verified in about 0.5 seconds.
Erase is accomplished by executing the erase command sequence. This will invoke the Embedded Erase
Algorithm which is an internal algorithm that automatically preprograms the array if it is not already programmed
before executing the erase operation. During erase, the devices automatically time the erase pulse widths and
verify proper cell margin.
A sector is typically erased and verified in 1.0 second. (If already completely preprogrammed.)
The devices also feature a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. The MBM29DL16XTE/BE are erased when shipped from the
factory.
The devices feature single 3.0 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7,
by the Toggle Bit feature on DQ6, or the RY/BY output pin. Once the end of a program or erase cycle has been
completed, the devices internally reset to the read mode.
Fujitsu’s Flash technology combines years of EPROM and E2PROM experience to produce the highest levels
of quality, reliability, and cost effectiveness. The MBM29DL16XTE/BE memories electrically erase the entire chip
or all bits within a sector simultaneously via Fowler-Nordhiem tunneling. The bytes/words are programmed one
byte/word at a time using the EPROM programming mechanism of hot electron injection.


Similar Part No. - MBM29DL162BE-90PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL162BE70PBT FUJITSU-MBM29DL162BE70PBT Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
MBM29DL162BE70PFTN FUJITSU-MBM29DL162BE70PFTN Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
MBM29DL162BE70PFTR FUJITSU-MBM29DL162BE70PFTR Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
More results

Similar Description - MBM29DL162BE-90PBT

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX29LV160DT-B MCNIX-MX29LV160DT-B Datasheet
1Mb / 66P
   16M-BIT [2M x 8 / 1M x 16] 3V SUPPLY FLASH MEMORY
logo
SPANSION
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com