Electronic Components Datasheet Search |
|
84A1D-B12-J08L Datasheet(PDF) 3 Page - Bourns Electronic Solutions |
|
84A1D-B12-J08L Datasheet(HTML) 3 Page - Bourns Electronic Solutions |
3 / 4 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 1 3 2 1 3 CW CCW 2 WIPER CLOCKWISE Locating Lug Options - All Model 80 Series A .46 (.018) NOTE: "D" OPTION - NO A/R LUG. OTHER LOCATING LUG OPTIONS AVAILABLE. FOR DETAILS CONSULT FACTORY. NOTE: SLOTTED END SHAFT ORIENTATION IS RANDOM. 120 ° ± 5 ° STD. FLAT ORIENTATION (SHAFT AT CCW END) Shaft Flat Orientation PC Pin Model 83 .91 (.036) 19.05 ± .51 (.75 ± .02) .79 ± .41 (.031 ± .016) 1.27 ± 1.02 (.50 ± .04) 2.54 ± .25 (.10 ± .01) 7.62 ± .25 (.30 ± .01) (.012) TYP. 3 PLCS. .30 6.10 ± .51 (.24 ± .02) (FMS TO C ) L 15.88 ± .38 (.625 ± .015) 15.88 ± .38 (.625 ± .015) 1.52 (.06) 5.08 ± .51 (.20 ± .02) 9.14 ± .76 (.36 ± .03) Solder Lug Model 84 19.05 ± .51 (.75 ± .02) 6.79 ± .41 (.031 ± .01) (FMS TO C ) L 6.10 ± .51 (.24 ± .02) 5.59 ± .51 (.22 ± .02) 2.54 ± .25 (.10 ± .01) TYP. 3 PLCS. .30 (.012) 7.62 ± .25 (.30 ± .01) 15.88 ± .38 (.625 ± .015) 15.88 ± .38 (.625 ± .015) 1.52 (.06) 9.14 ± .76 (.360 ± .03) (.040) SLOT 1.02 WIDE X 2.29 LONG TYP. (.090) 3.56 (.14) 1.78 ± .25 (.070 ± .010) 2.03 ± .13 (.080 ± .005) 1/4-32 UNEF "E" Bushing 1/4 " (6.35 mm) Dia. Locking - Single Shaft 6.35 ± .13 (.500 ± .005) 10.80 (.425) MIN. 6.35 ± .05 (.250 ± .002) PILOT DIA. 15.90 ± 0.80 (5/8 ± 1/32) STANDARD SHAFT SLOT .78 WIDE X .78 ± .25 DEEP (.031) (.031) (.010) 3.162 ± .025 (.1245 ± .001) DIA. 3/8-32 UNEF TRIPLE CONCENTRIC (SPECIAL ORDER) "A" Bushing 3/8 " (9.53 mm) Dia. Plain - Concentric Shaft 28.58 ± .79 (1.125 ± .031) STANDARD 9.53 (.375) 19.05 ± .79 (3/4 ± 1/32) STANDARD 6.32 ± .03 (.249 ± .001) DIA. 3.162 ± .025 (.1245 ± .001) DIA. DIA. 1.98 ± .03 (.078 ± .001) OUTER SHAFT 6.32 DIA. OPERATES SECTION #1 INNER SHAFT 3.18 DIA. OPERATES SECTION #2, #3, & #4 ("G" STYLE) (.249) (.125) "B" Bushing 3/8 " (9.53 mm) Dia. Plain - Single Shaft 3/8-32 UNEF 12.70 ± .13 (.500 ± .005) 15.88 ± .79 (5/8 ± 1/32) STANDARD SHAFT SLOT 1.19 WIDE X 1.60 + .38/-.00 DEEP (.047) (.063 + .015/-.000) 6.32 ± .03 (.249 ± .001) DIA. 9.53 ± .13 (.375 ± .005) PILOT DIA. 11.13 (.438) MIN. 7.75 (.305) 2.31 (.091) E 3.18 (.125) 13.50 (.531) J 2.36 (.093) 9.53 (.375) H 3.18 (.125) 11.10 (.437) .79 ± .41 (.031 ± .016) TOLERANCES EXCEPT AS SHOWN: DECIMALS .XXX ± .127 (.005) .XX± .38 (.015) ANGLE ± 5 ° FRACTIONS ± 1/64 "C" Bushing 1/4 " (6.35 mm) Dia. Plain - Single Shaft 6.35 ± .13 (.250 ± .005) 9.53,12.7,15.88,19.05,22.23 ± .79 (3/8, 1/2, 5/8, 3/4, 7/8, ± 1/32) STANDARD 3.162 ± .025 (.1245 ± .001) DIA. SHAFT SLOT .79 WIDE X .79 ±.25 DEEP (.031) (.031) (±.010) 6.35 ± .05 (.250 ± .002) PILOT DIA. 2.39 OPTIONAL FLAT 6.35 LONG OR 1.52 FROM "C" BUSHING END FOR SHAFTS UNDER 9/16 (.094) (.250) (.06) (14.30) 4.45 (.175) MIN. "A" Bushing 3/8 " (9.53 mm) Dia. Plain - Single Shaft 3/8-32 UNEF 9.50 ± 0.40 (.375 ± .15) 12.7,15.88,19.05,22.23± .79 (1/2, 5/8, 3/4, 7/8 ± 1/32) STANDARD 6.32 ± .03 (.249 ± .001) DIA. 7.92 (.312) MIN. 9.53 ± .13 (.375 ± .005) PILOT DIA. 45 ° ± 5 ° X (.010) CHAMFER .25 45 ° ± 5 ° X (.010) CHAMFER .25 45 ° ± 5 ° X (.010) CHAMFER .25 45 ° ± 5 ° X (.010) CHAMFER .25 (.063+.015/-.000) SHAFT SLOT 1.19 WIDE X 1.60 + .38/-.00 DEEP (.047) 5.49 OPTIONAL FLAT 16.00 LONG OR 1.52 FROM A" BUSHING END FOR SHAFTS UNDER (11/16) (.216 ) (.63) (.06) 17.66 "C" Bushing 1/4 " (6.35 mm) Dia. Plain - Concentric Shaft 1/4-32 UNEF 25.40 ± .79 (1 ± 1/32) STANDARD 15.88 ± .79 (5/8 ± 1/32) STANDARD 6.35 (.25) OUTER SHAFT 3.18 DIA.OPERATES SECTION #1 INNER SHAFT 1.98 DIA. OPERATES SECTION #2, #3, & #4 ("K" STYLE) (.125) (.08) 3.162 ± .025 (1.245 ±.0010) DIA. DIA. 1.98 ± .03 (.078 ± .001) 83/84 - 5/8 ” Square 10-Turn DIMENSIONS ARE: MM (INCHES) Product Dimensions |
Similar Part No. - 84A1D-B12-J08L |
|
Similar Description - 84A1D-B12-J08L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |