Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128J0PBFI10 Datasheet(PDF) 10 Page - SPANSION

Part # WS128J0PBFI10
Description  128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

WS128J0PBFI10 Datasheet(HTML) 10 Page - SPANSION

Back Button WS128J0PBFI10 Datasheet HTML 6Page - SPANSION WS128J0PBFI10 Datasheet HTML 7Page - SPANSION WS128J0PBFI10 Datasheet HTML 8Page - SPANSION WS128J0PBFI10 Datasheet HTML 9Page - SPANSION WS128J0PBFI10 Datasheet HTML 10Page - SPANSION WS128J0PBFI10 Datasheet HTML 11Page - SPANSION WS128J0PBFI10 Datasheet HTML 12Page - SPANSION WS128J0PBFI10 Datasheet HTML 13Page - SPANSION WS128J0PBFI10 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
10
S29WS128J/064J
S29WS-J_00_A6 May 11, 2006
Dat a
S h ee t
Input/Output Descriptions
Amax-A0
=
Address inputs
DQ15-DQ0
=
Data input/output
CE#
=
Chip Enable input. Asynchronous relative to CLK for
the Burst mode.
OE#
=
Output Enable input. Asynchronous relative to CLK
for the Burst mode.
WE#
=
Write Enable input.
VCC
=
Device Power Supply
(1.65 – 1.95 V).
VSS
=
Ground
NC
=
No Connect; not connected internally
RDY
=
Ready output;
In Synchronous Mode, indicates the status of the
Burst read.
Low = data not valid at expected time. High = data
valid.
In Asynchronous Mode, indicates the status of the
internal program and erase function.
Low = program/erase in progress.
High Impedance = program/erase completed.
CLK
=
CLK is not required in asynchronous mode. In burst
mode, after the initial word is output, subsequent
active edges of CLK increment the internal address
counter.
AVD#
=
Address Valid input. Indicates to device that the
valid address is present on the address inputs
(Amax-A0).
Low = for asynchronous mode, indicates valid
address; for burst mode, causes starting address to
be latched.
High = device ignores address inputs
RESET#
=
Hardware reset input. Low = device resets and
returns to reading array data
WP#
=
Hardware write protect input. At VIL, disables
program and erase functions in the four outermost
sectors. Should be at VIH for all other conditions.
ACC
=
At VHH, accelerates programming; automatically
places device in unlock bypass mode. At VIL, locks
all sectors. Should be at VIH for all other conditions.
Note:
1. Amax = A22 (WS128J), A21 (WS064J).


Similar Part No. - WS128J0PBFI10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XG2LX MICROSEMI-WS128K32-XG2LX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
logo
Microsemi Corporation
WS128K32-XG2UX MICROSEMI-WS128K32-XG2UX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XG4TX MICROSEMI-WS128K32-XG4TX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
WS128K32-XH1X MICROSEMI-WS128K32-XH1X Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results

Similar Description - WS128J0PBFI10

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS128H AMD-AM29BDS128H Datasheet
1Mb / 89P
   128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
AM29BDS128H SPANSION-AM29BDS128H Datasheet
1Mb / 89P
   128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com