Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSTLW122M450V64X141F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NSTLW122M450V64X141F
Description  Screw Terminal Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSTLW122M450V64X141F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NSTLW122M450V64X141F Datasheet HTML 1Page - NIC-Components Corp. NSTLW122M450V64X141F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
178
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Operating Temperature Range
-25 ~ +105°C
Rated Voltage Range
350 ~ 450Vdc
Rated Capacitance Range
1,000 ~ 10,000
µF
Capacitance Tolerance
±20% (M)
Max. Leakage Current (
µA)
After 5 minutes (20°C)
3 x
C(
µF)V
Max. Tan
δ
at 120Hz/20°C
W.V. (Vdc)
350
400
450
0.20
< 2700
µF< 2200µF< 1800µF
0.25
~ 10000
µF
~ 8200
µF
~ 6800
µF
Surge Voltage
W.V. (Vdc)
350
400
450
S.V. (Vdc)
400
450
500
Low Temperature
Impedance Ratio at 120Hz
W.V. (Vdc)
350
400
450
Z-25°C/Z+25°C
8
8
8
Load Life Test
5,000 hours at +105°C
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
96 hours at +105°C
(no load)
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than 120% of specified maximum value
Leakage Current
Less than specified maximum value
Surge Voltage Test
1000 Cycles of 30 seconds duration
every 6 minutes at 15°~35°C
Capacitance Change
Within ±15% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
Screw Terminal Aluminum Electrolytic CapacitorsNSTLW Series
FEATURES
• LONG LIFE AT 105°C (5,000 HOURS)
• HIGH RIPPLE CURRENT
• HIGH VOLTAGE (UP TO 450VDC)
SPECIFICATIONS
NSTLW 103 M 350V 90X141 P2 F
RoHS compliant
P2 or P3 (2 point or 3 point clamp)
or blank for no hardware
Case Size (mm)
Voltage Rating
Tolerance Code
Capacitance Code
Series
PART NUMBER SYSTEM
L ± 3.0mm
W6 ± 1
Mounting Clamp
(Zinc Plating)
Screw Terminal
Bolt
PVC Plate
W5
P±1mm
Vent
W3
M5 P=0.8
P±1mm
Vent
W5
W3
M5 P=0.8
L ± 3.0mm
W6 ± 1
Mounting Clamp
(Zinc Plating)
Screw Terminal
Bolt
PVC Plate
D
P
W1
W2
W3
W4
W5
W6
2 Point
Clamp
51
21.8 34.0 40.0
3.5
6.0
12
6.0
64
28.2 40.0 45.0
4.5
7.0
12
6.5
77
31.4 47.0 53.0
4.5
6.0
12
5.5
90
31.4 54.0 60.0
4.5
6.0
14
5.5
3 Point
Clamp
51
21.8 32.5 37.5
4.5
6.0
12
6.0
64
28.2 38.0 43.0
4.5
8.0
14
6.5
77
31.4 43.5 49.0
4.5
7.0
14
5.5
90
31.4 50.8 56.0
4.5
8.0
16
5.5
CASE AND CLAMP DIMENSIONS (mm)
2 Point Clamp
3 Point Clamp
See Standard Values Table for "L" dimensions
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NSTLW122M450V64X141F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSTL NIC-NSTL Datasheet
55Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTL103M350V51X141F NIC-NSTL103M350V51X141F Datasheet
55Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTL103M350V51X141P2F NIC-NSTL103M350V51X141P2F Datasheet
55Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTL103M350V51X141P3F NIC-NSTL103M350V51X141P3F Datasheet
55Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
NSTL103M350V64X141F NIC-NSTL103M350V64X141F Datasheet
55Kb / 2P
   Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - NSTLW122M450V64X141F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ_15 Datasheet
172Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com