Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP31QF-PCB900 Datasheet(PDF) 11 Page - WJ Communication. Inc.

Part # FP31QF-PCB900
Description  2-Watt HFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FP31QF-PCB900 Datasheet(HTML) 11 Page - WJ Communication. Inc.

Back Button FP31QF-PCB900 Datasheet HTML 4Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 5Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 6Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 7Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 8Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 9Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 10Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 11Page - WJ Communication. Inc. FP31QF-PCB900 Datasheet HTML 12Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 11 of 12 October 2006
FP31QF
2-Watt HFET
Product Information
The Communications Edge
TM
Application Note: Constant-Current Active-Biasing
Special attention should be taken to properly bias the FP31QF.
Power supply sequencing is required to prevent the device from
operating at 100% Idss for a prolonged period of time and possibly
causing damage to the device. It is recommended that for the safest
operation, the negative supply be “first on and last off.” With a
negative gate voltage present, the drain voltage can then be applied
to the device. The gate voltage can then be adjusted to have the
device be used at the proper quiescent bias condition.
An optional active-bias current mirror is recommended for use with
the application circuits shown this datasheet.
Generally in a
laboratory environment, the gate voltage is adjusted until the drain
draws the recommended operating current.
The gate voltage
required can vary slightly from device to device because of device
pinchoff variation, while also varying slightly over temperature.
The active-bias circuit, shown on the right, uses dual PNP transistors
to provide a constant drain current into the FP31QF, while also
eliminating the effects of pinchoff variation. This configuration is
best suited for applications where the intended output power level of
the amplifier is backed off at least 6 dB away from its compression
point. With the implementation of the circuit, lower P1dB values
may be measured for a Class-AB amplifier, where the device will
attempt to source more drain current while the circuit tries to provide
a constant drain current. The circuit should be connected directly in
line with where the voltage supplies would be normally connected
with the amplifier circuit, as shown the diagram.
Any required
matching circuitry remains the same, although it is not shown in the
diagram.
This recommended active-bias constant-current circuit
adds 7 components to the parts count for implementation, but should
cost only an extra $0.144 to realize ($0.10 for U1, $0.0029 for R1,
R3, R4, R5, $0.024 for R2, and $0.0085 for C1).
Temperature compensation is achieved by tracking the voltage
variation with the temperature of the emitter-to-base junction of the
two PNP transistors. As a 1st order approximation, this is achieved
by using matched transistors with approximately the same Ibe
current. Thus the transistor emitter voltage adjusts the HFET gate
voltage so that the device draws a constant current, regardless of the
temperature. A Rohm dual transistor - UMT1N - is recommended
for cost, minimal board space requirements, and to minimize the
variation between the two transistors.
Minimizing the variability
between the base-to-emitter junctions allow more accuracy in setting
the current draw. More details can be found in a separate application
note “Active-bias Constant-current Source Recommended for
HFETs” found on the WJ website.
Parameter
FP31QF
Pos Supply, Vdd
+9 V
Neg Supply, Vgg
-5 V
Vds
+8.75. V
Ids
450 mA
R1
62 Ω
R2*
0.56 Ω
R3
2 kΩ
R4
1 kΩ
R5
1 kΩ
*R2 should be of size 1206 to dissipate 0.113 Watts.
This should be of 1% tolerance. Two 1.1 Ω resistors in
parallel of size 0805 can also be used.
6
1
5
2
4
3
R1
R2
R3
R4
1 kΩ
-Vgg
+Vdd
U1
Rohm UMT1N
RF IN
RF OUT
DUT
M.N.
M.N.
HFET Application Circuit
R5
C1
.01 µF


Similar Part No. - FP31QF-PCB900

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP31QF-PCB900 WJCI-FP31QF-PCB900 Datasheet
576Kb / 13P
   2-Watt HFET
More results

Similar Description - FP31QF-PCB900

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FP31QF WJCI-FP31QF Datasheet
576Kb / 13P
   2-Watt HFET
FP1189-RFID WJCI-FP1189-RFID Datasheet
517Kb / 12P
   1/2 - Watt HFET
FP1189 WJCI-FP1189 Datasheet
387Kb / 11P
   쩍-Watt HFET
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
   1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
   1-Watt HFET
logo
List of Unclassifed Man...
SHF-0589 ETC-SHF-0589 Datasheet
195Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
SIRENZA MICRODEVICES
SHF-0589 SIRENZA-SHF-0589 Datasheet
192Kb / 4P
   0.05-3 GHz, 2 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD_15 Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
logo
SIRENZA MICRODEVICES
SHF-0289 SIRENZA-SHF-0289 Datasheet
91Kb / 4P
   0.05 - 6 GHz, 1.0 Watt GaAs HFET
logo
TriQuint Semiconductor
TGF2960-SD TRIQUINT-TGF2960-SD Datasheet
1Mb / 21P
   0.5 Watt DC-5 GHz Packaged HFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com