Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMJ8 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # HMJ8
Description  High Dynamic Range FET Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

HMJ8 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  HMJ8_07 Datasheet HTML 1Page - WJ Communication. Inc. HMJ8_07 Datasheet HTML 2Page - WJ Communication. Inc. HMJ8_07 Datasheet HTML 3Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 1 of 3 May 2007
HMJ8
High Dynamic Range FET Mixer
Product Features
x +37 dBm IIP3
x No External Matching
Elements Required
x RF 2200 - 2300 MHz
x LO 2060 - 2160 MHz
x IF 50 - 150 MHz
x +18 dBm LO Drive Level
x +3V Bias (22 mA)
x Low Cost SMT J-Lead Package
Product Description
The HMJ8 is a high dynamic range GaAs FET mixer.
This active FET mixer realizes a typical third order
intercept point of +37 dBm at an LO drive level of +18
dBm. The HMJ8 comes in a low cost, 18-pin J-Lead
package. Typical applications include frequency up/down
conversion, modulation and demodulation for receivers
and transmitters used in communication systems.
Functional Diagram
Function
Pin No.
IF
2
LO
11
RF
17
+3V
8
Ground
All other pins
Specifications
(1)
Parameter
Units
Min
Typ
Max
Condition
RF Frequency Range
MHz
2200 – 2300
LO Frequency Range
MHz
2060 – 2160
IF Frequency Range
MHz
50 – 150
SSB Conversion Loss
dB
8.0
9.0
Noise Figure
dB
10.5
LO-RF Isolation
dB
22
27
LO-IF Isolation
dB
20
30
RF-IF Isolation
dB
15
Input IP3
dBm
32
37
RF Return Loss
dB
11
LO Return Loss
dB
8.5
IF Return Loss
dB
14
Input P1dB
dBm
+23
LO Drive Level
dBm
+18
DC Current at +3V Bias
mA
22
35
1. Test conditions unless otherwise noted: 25 ºC, RF = 2250 MHz @ -10 dBm, LO = 2110 MHz @ +18 dBm, IF = 140 MHz
Absolute Maximum Rating
Ordering Information
Parameters
Rating
Part No.
Description
Operating Case Temperature
-40 to +85
qC
Storage Temperature
-65 to +100
qC
HMJ8
High Dynamic Range FET Mixer
Maximum Input Power
+25 dBm
HMJ8-PCB
Fully Assembled Application Circuit
1. Operation of this device above any of these parameters may cause permanent damage.
2. Total sum of LO port and RF port power should not exceed 25 dBm


Similar Part No. - HMJ8_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
HMJ8-PCB WJCI-HMJ8-PCB Datasheet
54Kb / 4P
   High Dynamic Range FET Mixer
More results

Similar Description - HMJ8_07

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
HMJ8 WJCI-HMJ8 Datasheet
54Kb / 4P
   High Dynamic Range FET Mixer
logo
List of Unclassifed Man...
HMJ1 ETC1-HMJ1 Datasheet
222Kb / 3P
   High Dynamic Range FET Mixer
HMJ2 ETC1-HMJ2 Datasheet
53Kb / 4P
   High Dynamic Range FET Mixer
logo
WJ Communication. Inc.
HMJ7 WJCI-HMJ7 Datasheet
262Kb / 3P
   High Dynamic Range FET Mixer
HMJ5 WJCI-HMJ5 Datasheet
416Kb / 3P
   High Dynamic Range FET Mixer
logo
List of Unclassifed Man...
HMJ4 ETC1-HMJ4 Datasheet
56Kb / 4P
   High Dynamic Range FET Mixer
logo
WJ Communication. Inc.
HMJ1 WJCI-HMJ1 Datasheet
225Kb / 3P
   High Dynamic Range FET Mixer
HMJ2 WJCI-HMJ2 Datasheet
56Kb / 4P
   High Dynamic Range FET Mixer
HMJ4 WJCI-HMJ4 Datasheet
56Kb / 4P
   High Dynamic Range FET Mixer
HMJ7-1 WJCI-HMJ7-1 Datasheet
263Kb / 3P
   High Dynamic Range FET Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com