Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBT5088 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMBT5088
Description  NPN general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBT5088 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMBT5088 Datasheet HTML 1Page - NXP Semiconductors PMBT5088 Datasheet HTML 2Page - NXP Semiconductors PMBT5088 Datasheet HTML 3Page - NXP Semiconductors PMBT5088 Datasheet HTML 4Page - NXP Semiconductors PMBT5088 Datasheet HTML 5Page - NXP Semiconductors PMBT5088 Datasheet HTML 6Page - NXP Semiconductors PMBT5088 Datasheet HTML 7Page - NXP Semiconductors PMBT5088 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 15
4
Philips Semiconductors
Product specification
NPN general purpose transistor
PMBT5088
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - PMBT5088

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT5401 PHILIPS-PMBT5401 Datasheet
43Kb / 8P
   PNP high-voltage transistor
1999 Apr 15
PMBT5550 PHILIPS-PMBT5550 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PMBT5550 NXP-PMBT5550 Datasheet
118Kb / 7P
   NPN high-voltage transistor
2004 Jan 21
logo
Nexperia B.V. All right...
PMBT5550 NEXPERIA-PMBT5550 Datasheet
185Kb / 8P
   NPN high-voltage transistor
31 August 2020
logo
NXP Semiconductors
PMBT5551 PHILIPS-PMBT5551 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
More results

Similar Description - PMBT5088

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com