Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE38018 Datasheet(PDF) 9 Page - NEC

Part # NE38018
Description  GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE38018 Datasheet(HTML) 9 Page - NEC

  NE38018_00 Datasheet HTML 1Page - NEC NE38018_00 Datasheet HTML 2Page - NEC NE38018_00 Datasheet HTML 3Page - NEC NE38018_00 Datasheet HTML 4Page - NEC NE38018_00 Datasheet HTML 5Page - NEC NE38018_00 Datasheet HTML 6Page - NEC NE38018_00 Datasheet HTML 7Page - NEC NE38018_00 Datasheet HTML 8Page - NEC NE38018_00 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NE38018
Pin Connections
1. Source
2. Gate
3. Source
4. Drain
2.1
± 0.2
1.25
± 0.1
1
2
3
0.3
(LEADS 2, 3, 4)
0.3
0.9
± 0.1
0 to 0.1
0.15
+0.10
-0.05
2.0
± 0.2
4
0.4
+0.10
-0.05
1.3
+0.10
-0.05
0.65
0.65
0.60
0.65
PACKAGE OUTLINE 18
OUTLINE DIMENSIONS (Units in mm)
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
10/11/2000
DATA SUBJECT TO CHANGE WITHOUT NOTICE
PART NUMBER
QTY
IDSS RANGE
MARKING
(mA)
NE38018
Bulk up to 3 K
40-165
V67 or V68
NE38018-TI-67
3 K/Reel
40-90
V67
NE38018-TI-68
3 K/Reel
70-170
V68
ORDERING INFORMATION


Similar Part No. - NE38018_00

ManufacturerPart #DatasheetDescription
logo
NEC
NE38018-T1 NEC-NE38018-T1 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE38018-T1 RENESAS-NE38018-T1 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
NEC
NE38018-T2 NEC-NE38018-T2 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
More results

Similar Description - NE38018_00

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
NE34018 CEL-NE34018 Datasheet
200Kb / 10P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com