Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJA1005-PCB Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # WJA1005-PCB
Description  5V Active-Bias InGaP HBT Gain Block
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

WJA1005-PCB Datasheet(HTML) 4 Page - WJ Communication. Inc.

  WJA1005-PCB Datasheet HTML 1Page - WJ Communication. Inc. WJA1005-PCB Datasheet HTML 2Page - WJ Communication. Inc. WJA1005-PCB Datasheet HTML 3Page - WJ Communication. Inc. WJA1005-PCB Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 4
May 2007
WJA1005
+5V Active-Bias InGaP HBT Gain Block
Mechanical Information
This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260
°C reflow temperature) and leaded
(maximum 245
°C reflow temperature) soldering processes. The plating material on the leads is NiPdAu.
Outline Drawing
Land Pattern
Product Marking
The WJA1005 will be marked with an “A1005”
designator with an alphanumeric lot code
marked below the part designator.
Tape and reel specifications for this part are
located on the website in the “Application
Notes” section.
MSL / ESD Rating
ESD Rating: Class 1C
Value:
Passes
≥ 1000V min.
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes
≥ 1000V min.
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device. Vias should use a .35mm
(#80 / .0135”) diameter drill and have a final plated thru
diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers
near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the
board to a heatsink. Ensure that the ground / thermal via
region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board in
the region where the board contacts the heatsink.
5. RF trace width depends upon the PC board material and
construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in
degrees.


Similar Part No. - WJA1005-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJA1000 WJCI-WJA1000 Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1000-PCB WJCI-WJA1000-PCB Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1001 WJCI-WJA1001 Datasheet
207Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1001-PCB WJCI-WJA1001-PCB Datasheet
207Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results

Similar Description - WJA1005-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJA1001 WJCI-WJA1001 Datasheet
207Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1021 TRIQUINT-WJA1021 Datasheet
209Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
WJ Communication. Inc.
WJA1010 WJCI-WJA1010 Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1510 WJCI-WJA1510 Datasheet
196Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1035 WJCI-WJA1035 Datasheet
208Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1015 WJCI-WJA1015 Datasheet
213Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1500 WJCI-WJA1500 Datasheet
197Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
WJA1021 WJCI-WJA1021 Datasheet
339Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
TriQuint Semiconductor
WJA1030 TRIQUINT-WJA1030 Datasheet
179Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
logo
WJ Communication. Inc.
WJA1000 WJCI-WJA1000 Datasheet
215Kb / 4P
   5V Active-Bias InGaP HBT Gain Block
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com