Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE38018-TI-67 Datasheet(PDF) 5 Page - NEC

Part # NE38018-TI-67
Description  GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE38018-TI-67 Datasheet(HTML) 5 Page - NEC

  NE38018-TI-67 Datasheet HTML 1Page - NEC NE38018-TI-67 Datasheet HTML 2Page - NEC NE38018-TI-67 Datasheet HTML 3Page - NEC NE38018-TI-67 Datasheet HTML 4Page - NEC NE38018-TI-67 Datasheet HTML 5Page - NEC NE38018-TI-67 Datasheet HTML 6Page - NEC NE38018-TI-67 Datasheet HTML 7Page - NEC NE38018-TI-67 Datasheet HTML 8Page - NEC NE38018-TI-67 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
NE38018
FREQUENCY
S11
S21
S12
S22
K
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.10
0.992
-3.80
9.822
174.93
0.008
87.39
0.487
-9.73
0.06
30.8
0.20
1.000
-12.31
9.639
169.20
0.015
84.00
0.477
-13.87
-0.14
28.1
0.30
0.991
-21.04
9.541
162.65
0.022
80.28
0.477
-17.02
0.05
26.4
0.40
0.967
-28.50
9.383
156.82
0.029
76.20
0.475
-21.39
0.12
25.1
0.50
0.943
-34.68
9.134
150.85
0.035
72.64
0.464
-25.94
0.19
24.1
1.00
0.815
-63.96
7.764
125.49
0.063
58.52
0.397
-45.59
0.40
20.9
1.50
0.689
-88.19
6.502
105.45
0.083
48.85
0.334
-60.27
0.58
19.0
2.00
0.593
-109.25
5.522
88.71
0.100
41.27
0.280
-72.14
0.71
17.4
2.50
0.513
-129.18
4.772
73.87
0.115
34.71
0.231
-83.06
0.82
16.2
3.00
0.458
-149.33
4.188
60.34
0.129
28.25
0.187
-95.23
0.90
15.1
3.50
0.423
-169.94
3.722
47.65
0.143
21.92
0.147
-110.79
0.96
14.2
4.00
0.410
169.75
3.343
35.63
0.155
15.50
0.116
-132.15
1.00
13.0
5.00
0.433
134.29
2.765
12.86
0.179
2.21
0.102
170.07
1.05
10.6
6.00
0.472
106.93
2.350
-8.50
0.200
-11.13
0.128
127.00
1.07
9.1
7.00
0.520
82.83
2.035
-29.55
0.219
-25.78
0.167
91.67
1.08
8.0
8.00
0.579
59.50
1.769
-50.43
0.232
-41.12
0.239
59.52
1.09
7.0
9.00
0.659
38.07
1.529
-70.98
0.241
-56.67
0.342
38.95
1.07
6.4
10.00
0.734
19.78
1.317
-90.40
0.244
-72.00
0.445
24.63
1.03
6.3
11.00
0.785
4.28
1.139
-109.06
0.243
-87.00
0.520
10.69
0.99
6.7
12.00
0.814
-10.33
1.000
-127.38
0.242
-102.03
0.567
-5.07
0.98
6.2
VDS = 2 V, IDS = 10 mA
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculations:
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
12 GHz
12 GHz
.10 GHz
.10 GHz
S22
90
°
120
°
150
°
180
°
-150
°
-120
°
-90
°
-60
°
0
°
30
°
60
°
-30
°
S12
S21
.10 GHz
12 GHz
12 GHz
.10 GHz


Similar Part No. - NE38018-TI-67

ManufacturerPart #DatasheetDescription
logo
NEC
NE38018-T1 NEC-NE38018-T1 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE38018-T1 RENESAS-NE38018-T1 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
NEC
NE38018-T2 NEC-NE38018-T2 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
More results

Similar Description - NE38018-TI-67

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
NE34018 CEL-NE34018 Datasheet
200Kb / 10P
   GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com