Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE6500379A-T1 Datasheet(PDF) 4 Page - California Eastern Labs

Part # NE6500379A-T1
Description  3W, L/S-BAND MEDIUM POWER GaAs MESFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE6500379A-T1 Datasheet(HTML) 4 Page - California Eastern Labs

  NE6500379A-T1 Datasheet HTML 1Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 2Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 3Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 4Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 5Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 6Page - California Eastern Labs NE6500379A-T1 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NONLINEAR MODEL
NE6500379A
SCHEMATIC
MODEL RANGE
Frequency:
0.4 to 8 GHz
Bias:
VDS = 3 V to 8 V, ID = 300 mA to 500 mA
Date:
8/03
LG
RDX
0.2 ohms
RDBX
480 ohms
CBSX
RSX
100 pF
0.2 ohms
LSX
0.001 nH
SOURCE
0.55 nH
0.015 nH
DRAIN
LD
LDX
0.68 nH
LGX
CGS PKG
0.1 pF
CDS PKG
0.1 pF
0.001 nH
GATE
Q1
FET NONLINEAR MODEL PARAMETERS (1)
Parameters
Q1
Parameters
Q1
VTO
-2.585
RG
0.2
VTOSC
0
RD
0.001
ALPHA
3
RS
0.001
BETA
1.28
RGMET
0
GAMMA
0
KF
0
GAMMADC(2)
0.035
AF
1
Q
1.7
TNOM
27
DELTA
0.02
XTI
3
VBI
0.6
EG
1.43
IS
1e-14
VTOTC
0
N1
BETATCE
0
RIS
0
FFE
1
RID
0
TAU
10e-12
CDS
0.5e-12
RDB
0.001
CBS
0
CGSO(3)
25e-12
CGDO(4)
4.5e-12
DELTA1
1
DELTA2
0.2
FC
0.5
VBR
Infinity
(1) Series IV Libra TOM Model
The parameter in Libra corresponds to the parameter in PSpice:
(2) GAMMADC
GAMMA
(3) CGSO
CGS
(4) CGDO
CGD
Parameter
Units
capacitance
picofarads
inductance
nanohenries
resistance
ohms
UNITS


Similar Part No. - NE6500379A-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500379A-T1 NEC-NE6500379A-T1 Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE6500379A-T1 RENESAS-NE6500379A-T1 Datasheet
219Kb / 10P
   N-CHANNEL GaAs MES FET
1998
More results

Similar Description - NE6500379A-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
NE6500496 NEC-NE6500496_00 Datasheet
33Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE6501077 CEL-NE6501077_00 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE650496 CEL-NE650496 Datasheet
34Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
NE6501077 CEL-NE6501077 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE6510179A CEL-NE6510179A Datasheet
285Kb / 10P
   NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
NE650103M CEL-NE650103M Datasheet
259Kb / 7P
   10 W L & S-BAND POWER GaAs MESFET
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE9000 NEC-NE9000 Datasheet
71Kb / 5P
   Ku-BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com