Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBTA42 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMBTA42
Description  NPN high-voltage transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTA42 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMBTA42 Datasheet HTML 1Page - NXP Semiconductors PMBTA42 Datasheet HTML 2Page - NXP Semiconductors PMBTA42 Datasheet HTML 3Page - NXP Semiconductors PMBTA42 Datasheet HTML 4Page - NXP Semiconductors PMBTA42 Datasheet HTML 5Page - NXP Semiconductors PMBTA42 Datasheet HTML 6Page - NXP Semiconductors PMBTA42 Datasheet HTML 7Page - NXP Semiconductors PMBTA42 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 22
4
Philips Semiconductors
Product specification
NPN high-voltage transistor
PMBTA42
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Similar Part No. - PMBTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBTA42 NXP-PMBTA42 Datasheet
218Kb / 9P
   300 V, 100 mA NPN high-voltage transistor
Rev. 05-12 December 2008
logo
Inchange Semiconductor ...
PMBTA42 ISC-PMBTA42 Datasheet
547Kb / 4P
   isc Silicon NPN Power Transistor
logo
Nexperia B.V. All right...
PMBTA42 NEXPERIA-PMBTA42 Datasheet
319Kb / 10P
   300 V, 100 mA NPN high-voltage transistor
Rev. 05 - 12 December 2008
logo
NXP Semiconductors
PMBTA42/DG NXP-PMBTA42/DG Datasheet
218Kb / 9P
   300 V, 100 mA NPN high-voltage transistor
Rev. 05-12 December 2008
logo
Nexperia B.V. All right...
PMBTA42/DG NEXPERIA-PMBTA42/DG Datasheet
319Kb / 10P
   300 V, 100 mA NPN high-voltage transistor
Rev. 05 - 12 December 2008
More results

Similar Description - PMBTA42

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com