Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJZ1010-PCB Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # WJZ1010-PCB
Description  Broadband Surface Mount Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

WJZ1010-PCB Datasheet(HTML) 2 Page - WJ Communication. Inc.

  WJZ1010-PCB Datasheet HTML 1Page - WJ Communication. Inc. WJZ1010-PCB Datasheet HTML 2Page - WJ Communication. Inc. WJZ1010-PCB Datasheet HTML 3Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
x Phone 1-800-WJ1-4401 x FAX: 408-577-6621 x e-mail: sales@wj.com x Web site: www.wj.com
Page 2 of 3 April 2007
WJZ1010
Broadband Surface Mount Mixer
Performance Charts
Input IP3 vs RF Frequency
IF = 100 MHz, LO = 13 dBm, +25
ÛC
10
15
20
25
30
0
500
1000
1500
2000
2500
RF Frequency (MHz)
Conversion Loss vs RF Frequency
IF = 100 MHz, LO = 13 dBm, +25
ÛC
5
6
7
8
9
10
0
500
1000
1500
2000
2500
RF Frequency (MHz)
LO VSWR vs Frequency
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
500
1000
1500
2000
2500
Frequency (MHz)
RF VSWR vs Frequency
IF = 100 MHz, +25
oC
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
500
1000
1500
2000
2500
RF Frequency (MHz)
IF VSWR vs Frequency
1.0
1.1
1.2
1.3
1.4
0
500
1000
1500
2000
2500
LO Frequency (MHz)
IF=50MHz
IF=100MHz
IF=150MHz
Isolation vs LO Frequency
IF = 100 MHz, +25
ÛC
20
30
40
50
60
0
500
1000
1500
2000
2500
LO Frequency (MHz)
L-I
L-R


Similar Part No. - WJZ1010-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJZ1000 WJCI-WJZ1000 Datasheet
78Kb / 3P
   Broadband Surface Mount Mixer
WJZ1000-PCB WJCI-WJZ1000-PCB Datasheet
78Kb / 3P
   Broadband Surface Mount Mixer
WJZ1020 WJCI-WJZ1020 Datasheet
85Kb / 3P
   Broadband Surface Mount Mixer
WJZ1020-PCB WJCI-WJZ1020-PCB Datasheet
85Kb / 3P
   Broadband Surface Mount Mixer
logo
TriQuint Semiconductor
WJZ1020H TRIQUINT-WJZ1020H Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
More results

Similar Description - WJZ1010-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
WJZ1020H TRIQUINT-WJZ1020H Datasheet
134Kb / 3P
   Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-13 WJCI-SME1400B-13 Datasheet
55Kb / 4P
   Broadband surface mount mixer
SME1400B-13 WJCI-SME1400B-13_07 Datasheet
266Kb / 4P
   Broadband Surface Mount Mixer
WJZ1020 WJCI-WJZ1020 Datasheet
85Kb / 3P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17 Datasheet
105Kb / 4P
   Broadband Surface Mount Mixer
SME1400B-17 WJCI-SME1400B-17_07 Datasheet
264Kb / 4P
   Broadband Surface Mount Mixer
WJZ1000 WJCI-WJZ1000 Datasheet
78Kb / 3P
   Broadband Surface Mount Mixer
WJZ2020 WJCI-WJZ2020 Datasheet
74Kb / 3P
   Broadband Surface Mount Mixer
logo
List of Unclassifed Man...
SME1900-17 ETC-SME1900-17 Datasheet
1Mb / 4P
   Broadband Surface Mount Mixer
logo
WJ Communication. Inc.
SME1400B-10 WJCI-SME1400B-10 Datasheet
508Kb / 5P
   Broadband Surface Mount Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com