Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWS102M100V10X12.5F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRWS102M100V10X12.5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWS102M100V10X12.5F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRWS102M100V10X12.5F Datasheet HTML 1Page - NIC-Components Corp. NRWS102M100V10X12.5F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
72
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
73
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
.SMTmagnetics.
Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, NEW FURTHER REDUCED CASE SIZING,
FROM NRWA WIDE TEMPERATURE RANGE
NRWS Series
CHARACTERISTICS
Note: Capacitors shall conform to JIS-C-5141, unless otherwise specified here.
*1. Add 0.5 every 1000µF for more than 1000µF *2. Add 1.0 every 1000µF for more than 1000µF
MAXIMUM PERMISSIBLE RIPPLE CURRENT
(mA rms AT 100KHz AND 105°C)
MAXIMUM IMPENDANCE (Ω AT 100KHz AND 20OC)
EXTENDED TEMPERATURE
NRWA
NRWS
(today’s standard)
(reduced sizes)
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
NRWA
NRWS
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Rated Voltage Range
6.3 ~ 100VDC
Capacitance Range
0.1 ~ 15,000µF
Operating Temperature Range
-55°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current @ +20°c
After 1 min.
0.03CV or 4µA whichever is greater
After 2 min.
0.01CV or 3µA whichever is greater
Max. Tan δ at 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
S.V. (Vdc)
8
13
20
32
44
63
79
125
C < 1,000µF
0.28
0.24
0.20
0.16
0.14
0.12
0.10
0.08
C = 2,200µF
0.30
0.26
0.22
0.18
0.16
0.14
-
-
C = 3,300µF
0.32
0.28
0.24
0.20
0.18
0.16
-
-
C = 4,700µF
0.34
0.30
0.26
0.22
0.20
-
-
-
C = 6,800µF
0.36
0.32
0.28
0.24
-
-
-
-
C = 10,000µF
0.38
0.34
0.30
-
-
-
-
-
C = 15,000µF
0.56
0.52
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
5
4
3
2
2
2
2
2
Z-40°C/Z+20°C
12
10
8
5
4
4
4
4
Load Life Test at +105°C & Rated W.V
2,000 Hours: 16V ~ 100V D> 10φ
1,000 Hours: All others
∆ Capacitance
Within ±20% of initial measured value
∆ Tan δ
Less than 200% of specified value
∆ LC
Less than specified value
Shelf Life Test
+105°C 1,000 Hours
No Load
∆ Capacitance
Within ±20% of initial measured value
∆ Tan δ
Less than 200% of specified value
∆ LC
Less than specified value
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
0.1
-
-
-
-
-
10
-
-
0.22
-
-
-
-
-
10
-
-
0.33
-
-
-
-
-
10
-
-
0.47
-
-
-
-
-
20
15
-
1.0
-
-
-
-
-
30
30
-
2.2
-
-
-
-
-
40
42
-
3.3
-
-
-
-
-
50
58
-
4.7
-
-
-
-
-
80
64
-
10
-
-
-
-
-
90
90
-
22
-
-
-
-
-
110
140
235
33
-
-
-
-
120
120
200
300
47
-
-
-
150
140
180
240
330
100
-
150
150
240
180
310
300
450
220
160
240
240
3780
360
500
520
700
330
240
250
370
400
580
650
765
950
470
250
370
450
560
650
800
960
1100
1,000
450
560
760
900
900
1100 1100
-
2,200
760
900
1100 1320 1400 1650
-
-
3,300
900
1100 1320 1600 1800 2000
-
-
4,700
1100 1420 1600 1900 2000
-
-
-
6,800
1420 1700 1900 2200
-
-
-
-
10,000
1700 1950 2300
-
-
-
-
-
15,000
2100 2400
-
-
-
-
-
-
Cap. (µF)
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
100
0.1
-
-
-
-
-
30
-
-
0.22
-
-
-
-
-
20
-
-
0.33
-
-
-
-
-
15
-
-
0.47
-
-
-
-
-
10
15
-
1.0
-
-
-
-
-
7.0
10.5
-
2.2
-
-
-
-
-
5.5
8.3
-
3.3
-
-
-
-
-
4.0
6.0
-
4.7
-
-
-
-
-
2.80
4.20
-
10
-
-
-
-
-
2.30
2.80
-
22
-
-
-
-
-
2.20
2.40
0.83
33
-
-
-
-
2.10
2.10
1.40
0.60
47
-
-
-
1.40
2.10
1.10
1.30
0.39
100
-
1.40
1.40
0.60
1.10
310
300
450
220
1.40
0.58
0.55
0.39
0.46
0.30
0.22
0.15
330
0.58
0.55
0.35
0.34
0.26
0.20
0.17
0.09
470
0.55
0.39
0.28
0.17
0.18
0.13
0.14 0.085
1,000
0.26
0.16
0.13
0.10
0.11
0.10 0.065
-
2,200
0.12
0.10 0.075 0.062 0.056 0.055
-
-
3,300
0.10 0.074 0.054 0.043 0.038 0.035
-
-
4,700
0.072 0.054 0.043 0.035 0.035
-
-
-
6,800
0.054 0.043 0.035 0.028
-
-
-
-
10,000 0.043 0.035 0.028
-
-
-
-
-
15,000 0.032 0.028
-
-
-
-
-
-


Similar Part No. - NRWS102M100V10X12.5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWS102M10V10x125F NIC-NRWS102M10V10x125F Datasheet
142Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWS102M100V10X12.5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com