Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE8500295-6 Datasheet(PDF) 6 Page - NEC

Part # NE8500295-6
Description  2 WATT C-BAND POWER GaAs MESFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE8500295-6 Datasheet(HTML) 6 Page - NEC

  NE8500295-6 Datasheet HTML 1Page - NEC NE8500295-6 Datasheet HTML 2Page - NEC NE8500295-6 Datasheet HTML 3Page - NEC NE8500295-6 Datasheet HTML 4Page - NEC NE8500295-6 Datasheet HTML 5Page - NEC NE8500295-6 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RF TEST CIRCUIT
NE85002 SERIES
BIASING PROCEDURE
Turn on the power supply.
Make sure its voltage is 0 V.
Turn on S1 and S2. Apply
VGS = -5, then apply VDS = 10 V.
Decrease VGS to obtain the
required drain current, ID. Apply
the RF input and adjust the gate
voltage to maintain the desired
drain current. Do not exceed a
gate current of 10 mA
(IG = 10 mA max).
RF
POWER
SOURCE
GATE
S1
S2
BIAS
SUPPLY
20dB
DIRECTIONAL
COUPLER
BIAS
TEE
TUNER
D.U.T.
10 dB
ATTN.
TUNER
POWER
METER
POWER
METER
30 dB
ATTN.
BIAS
TEE
DRAIN
VDS = 10 V
ID = 450 mA
1 K
Circulator
NE8500200 (CHIP)
(Units in µm)
DIE ATTACHMENT
Die attach can be accomplished with either Au-Ge (390±10°C) or
Au-Sn (290 ± 10°C) preforms in a forming gas environment. Epoxy
die attach is not recommended.
BONDING
Gate and drain bonding wires should be minimum length, semi-
hard fold wire (3-8% elongation) 30 microns or less in diameter.
The source should be connected with gold ribbon or mesh.
Bonding should be performed with a wedge tip that has a taper of
approximately 15°. Die attach and bonding time should be kept to
a minimum. As a general rule, the bonding operation should be
kept within a 300°C - 10 minute curve. If longer periods are
required, the temperature should be lowered.
PRECAUTIONS
The user must operate in a clean, dry environment. The chip
channel is glassivated for mechanical protection only and does not
preclude the necessity of a clean environment.
The bonding equipment should be periodically checked for sources
of surge voltage and should be properly grounded at all times. All
test and handling equipment should be grounded to minimize the
possibilities of static discharge.
See AN-1001 Recommended Handling Procedure for Microwave
Transistor & MMIC Chips for additional infromation.
PACKAGE OUTLINE 95
(Units in mm)
OUTLINE DIMENSIONS AND HANDLING
110
100
100
100
100
240
1800
640
90
0.7
±0.1
4.0 MIN
φ2.5±0.3
5.9
±0.2
14.0
±0.15
18.0
±0.5
0.1
2.1
±0.15
0.2 MAX
7.2
±0.2
1.2
4.5 MAX
GATE
2 PLACES
SOURCE
6.5
±0.3
+.06
-.02
DRAIN
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
Internet: http://WWW.CEL.COM
06/26/2002
DATA SUBJECT TO CHANGE WITHOUT NOTICE


Similar Part No. - NE8500295-6

ManufacturerPart #DatasheetDescription
logo
NEC
NE8500295-6 NEC-NE8500295-6 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE8500295-6 CEL-NE8500295-6 Datasheet
61Kb / 6P
   2 WATT C-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE8500295-6 RENESAS-NE8500295-6 Datasheet
207Kb / 10P
   GaAs MES FET
1996
More results

Similar Description - NE8500295-6

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE85002 CEL-NE85002 Datasheet
61Kb / 6P
   2 WATT C-BAND POWER GaAs MESFET
logo
NEC
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
Infineon Technologies A...
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY38 INFINEON-CLY38 Datasheet
581Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
logo
NEC
NE850R599A NEC-NE850R599A Datasheet
19Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
logo
Infineon Technologies A...
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
logo
NEC
NE8500100 NEC-NE8500100_00 Datasheet
63Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com