Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5038A1 Datasheet(PDF) 1 Page - Rohm

Part # BP5038A1
Description  AC/DC converter AC100V input, 5V/30mA output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5038A1 Datasheet(HTML) 1 Page - Rohm

  BP5038A1 Datasheet HTML 1Page - Rohm BP5038A1 Datasheet HTML 2Page - Rohm BP5038A1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electrical Characteristics
BP5038A1
AC/DC converter
Absolute Maximum Ratings
Input voltage
Output current
ESD endurance
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vi
Io
Vsurge
Topr
Tstg
170
30
2
−20 to +80
−20 to +85
V
mApk
kV
°C
°C
Unit
∗1
Conditions
V
V
mA
V
V
Vp-p
%
DC(80 to 120VAC)
Vi=141V, Io=15mA
Vi=141V
Vi=113 to 170V, Io=15mA
Vi=141V, Io=0 to 15mA
Vi=141V, Io=15mA
Vi=141V, Io=30mA
∗1 Maximum output current varies depending on ambient temperature ; please refer to derating curve.
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion efficiency
Parameter
Symbol
Typ.
Max.
Min.
Vi
Vo
Io
Vr
Vl
Vp
η
141
5.0
0.1
0.15
0.05
33
170
5.3
30
0.3
0.3
0.15
113
4.7
0
25
Load Regulation
Load Regulation
5.3
5.2
5.1
5.0
4.9
4.8
4.7
5
010
15
25
30
20
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Conversion Efficiency
25% Min
−Line
Conversion Efficiency
40
35
30
25
20
15
10
5
0
5
010
15
25
30
20
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Surface Temperature Rising
Surface Temperature Rising
50
40
30
20
10
0
10
0
5
15
25
20
30
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Switching Frequency
Switching Frequency
60
50
40
30
20
10
0
5
015
10
20
25
30
(Ta=25
°C, Vi=141V)
Output Current Io(mA)
Dimensions (Unit : mm)
Application circuit
External components setting
FUSE: Fuse
Please make sure to use quick acting fuse (0.5A)
Above 200V, 3.3 to 22
µF
Ripple current 0.13Arms above
Above 25V, 100 to 470
µF, Low impedance
ESR : 0.39
Ω Max.
Ripple current 0.1Arms above
Impedance of capacitor effects the output ripple voltage.
C1: Input capacitor
C3: Output capacitor
Above 200V, 0.1 to 0.22
µF
Film capacitor or Ceramic capacitor
Reduce the noise terminal voltage.
The constant value should be evaluated in the product.
C2: Noise removal capacitor
Resistance : 10 to 22
Ω, Power : More than 1/4Ω
R1: Noise removal resistor
Use a rectifying diode with the peak reverse voltage of 400V or higher,
the average rectification current of 0.5A or larger and the peak surge current
of 20A or larger. When using an input capacitor of a large capacity, choose
a component that endures the inrush current on power-up.
This product is compatible with full-wave rectification.
D1: Rectifier diode
Varistor must be used. It protects this part from lightning surge and static
electricity.
ZNR: Varistor
Pin No.
1
2
3
4
5
6
Function
Input terminal Vi(141VDC)
Skip
Skip
COMMON
COMMON
Output terminal Vo(5V)
For actual usage, Please kindly evaluate and confirm our part mounted in your product,
Especially, Please make sure to confirm whether the load current exceed Max. rated current
by using the current probe.
BP5038A1
Be sure to use fuse for safety.
AC100V input, 5V/30mA output
18.0MAX.
9.1MAX.
3.0MAX.
6.1MAX.
2.54
×5=12.7
1
4
5
6
0.5
±0.1
P=2.54
±0.2
1.3
±0.2
0.25
±0.05
3.3MAX
Derating Curve
Derating Curve
Operation Range
40
35
30
25
20
15
10
5
0
010
-30 -20 -10
20
40
30
80
70
60
50
90
Ambient Temperature Ta(
°C)
+5V
Output
Input
100
µF/50V
AC100V
50Hz/60Hz
0.1
µF
C2
FUSE
0.5A
6
14 5
+
+
10
µF/200V
C1
ZNR
220V
R1
10
Ω1/4W
D1
1SR35
−400A
C3
Rev.A


Similar Part No. - BP5038A1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5038A1 ROHM-BP5038A1 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5038A1 ROHM-BP5038A1_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
More results

Similar Description - BP5038A1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5038A ROHM-BP5038A Datasheet
405Kb / 3P
   AC/DC converter AC100V input, 12V/30mA output
BP5039A ROHM-BP5039A Datasheet
37Kb / 3P
   AC/DC converter - AC100V input, 24V/200mA output
BP5081A15 ROHM-BP5081A15 Datasheet
41Kb / 3P
   AC/DC converter - AC100V input, output-1 : 15V/80mA, output-2 : 5V/350mA
BP5710-1 ROHM-BP5710-1 Datasheet
403Kb / 3P
   AC/DC converter AC100V input, 12V/350mA output
BP5034D15 ROHM-BP5034D15 Datasheet
37Kb / 3P
   AC/DC converter AC100V input, 15V/80mA output
BP5068-15 ROHM-BP5068-15 Datasheet
64Kb / 3P
   AC/DC converter - AC100V input, -15V/800mA output
BP5034D12 ROHM-BP5034D12 Datasheet
37Kb / 3P
   AC/DC converter AC100V input, 12V/100mA output
BP5065C ROHM-BP5065C Datasheet
38Kb / 3P
   AC/DC converter AC100V input, −12V/90mA output
BP5039-15 ROHM-BP5039-15 Datasheet
38Kb / 3P
   AC/DC converter - AC100V input, 15V/200mA output
BP5033-12 ROHM-BP5033-12 Datasheet
66Kb / 3P
   AC/DC converter - AC100V input, 12V/100mA output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com