Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBTH81 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMBTH81
Description  PNP 1 GHz switching transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTH81 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMBTH81 Datasheet HTML 1Page - NXP Semiconductors PMBTH81 Datasheet HTML 2Page - NXP Semiconductors PMBTH81 Datasheet HTML 3Page - NXP Semiconductors PMBTH81 Datasheet HTML 4Page - NXP Semiconductors PMBTH81 Datasheet HTML 5Page - NXP Semiconductors PMBTH81 Datasheet HTML 6Page - NXP Semiconductors PMBTH81 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
September 1995
2
Philips Semiconductors
Product specification
PNP 1 GHz switching transistor
PMBTH81
FEATURES
• Low cost
• High transition frequency.
DESCRIPTION
The PMBTH81 is a general purpose
silicon pnp transistor, encapsulated in
a SOT23 plastic envelope. Its
complement is the PMBTH10.
PINNING
PIN
DESCRIPTION
Code: V31
1
base
2
emitter
3
collector
Fig.1 SOT23.
fpage
MSB003
Top view
12
3
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCEO
collector-emitter voltage
open base
20
V
Ptot
total power dissipation
Ts =45 °C (note 1)
400
mW
Cce
collector-emitter capacitance
VCB = 10 V; IB = 0; f = 1 MHz
0.65
pF
Ccb
collector-base capacitance
VCB = 10 V; IE = 0; f = 1 MHz
0.85
pF
fT
transition frequency
VCE = 10 V; IC = 5 mA;
f = 100 MHz; Tamb =25 °C
600
MHz


Similar Part No. - PMBTH81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBTH10 PHILIPS-PMBTH10 Datasheet
52Kb / 7P
   NPN 1 GHz general purpose switching transistor
September 1995
More results

Similar Description - PMBTH81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3640 PHILIPS-PMBT3640 Datasheet
31Kb / 5P
   PNP 1 GHz switching transistor
September 1995
MPSH10 PHILIPS-MPSH10 Datasheet
77Kb / 8P
   NPN 1 GHz general purpose switching transistor
1998 Aug 27
PMBTH10 PHILIPS-PMBTH10 Datasheet
52Kb / 7P
   NPN 1 GHz general purpose switching transistor
September 1995
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com