Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP934CB-YD Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP934CB-YD
Description  T-1 (3mm) RIGHT ANGLE LED INDICATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP934CB-YD Datasheet(HTML) 3 Page - Kingbright Corporation

  WP934CB-YD Datasheet HTML 1Page - Kingbright Corporation WP934CB-YD Datasheet HTML 2Page - Kingbright Corporation WP934CB-YD Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SPEC NO: DSAF1568
REV NO: V.1
DATE: MAR/25/2005
PAGE: 3 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1102002620
Yellow
WP934CB/YD
Remarks:
If special sorting is required (e.g. binning based on forward voltage,luminous intensity, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - WP934CB-YD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP934CB-GD KINGBRIGHT-WP934CB-GD Datasheet
74Kb / 3P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934CB-ID KINGBRIGHT-WP934CB-ID Datasheet
78Kb / 3P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934CB-SRD KINGBRIGHT-WP934CB-SRD Datasheet
81Kb / 3P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
More results

Similar Description - WP934CB-YD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP93A8EWP KINGBRIGHT-WP93A8EWP Datasheet
256Kb / 7P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934ZH-YD KINGBRIGHT-WP934ZH-YD Datasheet
260Kb / 4P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934EW-SRD KINGBRIGHT-WP934EW-SRD Datasheet
251Kb / 4P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP130WDT-EGW KINGBRIGHT-WP130WDT-EGW Datasheet
299Kb / 5P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP93A8EWP-IDTG0L KINGBRIGHT-WP93A8EWP-IDTG0L Datasheet
173Kb / 5P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934RS-SRD KINGBRIGHT-WP934RS-SRD Datasheet
253Kb / 4P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP93A8EWP-GDTG0L KINGBRIGHT-WP93A8EWP-GDTG0L Datasheet
174Kb / 5P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934EW-YD KINGBRIGHT-WP934EW-YD Datasheet
251Kb / 4P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP130WDT-EYW KINGBRIGHT-WP130WDT-EYW Datasheet
300Kb / 5P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
WP934EW-GD KINGBRIGHT-WP934EW-GD Datasheet
250Kb / 4P
   T-1 (3mm) RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com