Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG3031M05-T1 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NESG3031M05-T1
Description  NPN SILICON GERMANIUM RF TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NESG3031M05-T1 Datasheet(HTML) 6 Page - California Eastern Labs

  NESG3031M05-T1 Datasheet HTML 1Page - California Eastern Labs NESG3031M05-T1 Datasheet HTML 2Page - California Eastern Labs NESG3031M05-T1 Datasheet HTML 3Page - California Eastern Labs NESG3031M05-T1 Datasheet HTML 4Page - California Eastern Labs NESG3031M05-T1 Datasheet HTML 5Page - California Eastern Labs NESG3031M05-T1 Datasheet HTML 6Page - California Eastern Labs NESG3031M05-T1 Datasheet HTML 7Page - California Eastern Labs NESG3031M05-T1 Datasheet HTML 8Page - California Eastern Labs NESG3031M05-T1 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VCE = 1 V
f = 5.8 GHz
25
20
10
5
–5
1
10
100
|S21e|
2
15
0
VCE = 3 V
f = 5.8 GHz
25
20
10
5
–5
1
10
100
|S21e|
2
15
0
MAG
MAG
MSG
VCE = 2 V
f = 5.8 GHz
25
20
10
5
–5
1
10
100
|S21e|
2
15
0
MAG
VCE = 3 V
f = 5.2 GHz
25
20
10
5
–5
1
10
100
|S21e|
2
15
0
MAG
MSG
VCE = 1 V
f = 5.2 GHz
25
20
10
5
–5
1
10
100
|S21e|
2
15
0
MAG
MSG
VCE = 2 V
f = 5.2 GHz
25
20
10
5
–5
1
10
100
|S21e|
2
15
0
MAG
MSG
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Remark The graphs indicate nominal characteristics.
Data Sheet PU10414EJ03V0DS
6
NESG3031M05


Similar Part No. - NESG3031M05-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NESG3031M05-T1 NEC-NESG3031M05-T1 Datasheet
100Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
logo
Renesas Technology Corp
NESG3031M05-T1 RENESAS-NESG3031M05-T1 Datasheet
317Kb / 12P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
Renesas Technology Corp
NESG3031M05-T1-A RENESAS-NESG3031M05-T1-A Datasheet
317Kb / 12P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
More results

Similar Description - NESG3031M05-T1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com