Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR4210TX-AZ Datasheet(PDF) 10 Page - California Eastern Labs

Part # NR4210TX-AZ
Description  InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NR4210TX-AZ Datasheet(HTML) 10 Page - California Eastern Labs

Back Button NR4210TX-AZ Datasheet HTML 6Page - California Eastern Labs NR4210TX-AZ Datasheet HTML 7Page - California Eastern Labs NR4210TX-AZ Datasheet HTML 8Page - California Eastern Labs NR4210TX-AZ Datasheet HTML 9Page - California Eastern Labs NR4210TX-AZ Datasheet HTML 10Page - California Eastern Labs NR4210TX-AZ Datasheet HTML 11Page - California Eastern Labs NR4210TX-AZ Datasheet HTML 12Page - California Eastern Labs NR4210TX-AZ Datasheet HTML 13Page - California Eastern Labs NR4210TX-AZ Datasheet HTML 14Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NR4210 Series
ELECTRO-OPTICAL CHARACTERISTICS (TC =
−5 to +85°C, VCC = +3.3 V, λ = 1 550 nm, unless
otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
λ = 1 310 nm, M = 1
0.75
0.9
APD Sensitivity
S
λ = 1 550 nm, M = 1
0.75
0.9
A/W
APD Breakdown Voltage
VBR
ID = 10
µA
25
30
35
V
Temperature Coefficient of APD
Breakdown Voltage
δ
*1
TC = +25 to +85
°C
0
0.02
0.05
V/
°C
APD Dark Current
ID
VR = VBR
× 0.9, TC = +25°C
0.7
µA
Transimpedance
Zt
Single-ended
800
2 000
3 000
Maximum Output Voltage Swing
Vclip
Single-ended
100
125
200
mVpp
M = 3, Pin =
−24 dBm
9
Cut-off Frequency
fC
M = 9, Pin =
−24 dBm
7
8
GHz
Lower Cut-off Frequency
fCl
100
kHz
Peaking
DPK
1G
−BW, M = 9, Pin = −24 dBm
2
dB
Group Delay
GD
1G
−6G, M = 9, Pin = −24 dBm
−50
+50
ps
Minimum Receiver Sensitivity
Pr
9.95 Gb/s, BER = 10
−12, Mopt,
PRBS = 2
31
−1, ER = 13 dB, NRZ
−28
−26.5
dBm
Overload
PO
9.95 Gb/s, BER = 10
−12, M = 3,
PRBS = 2
31
−1, ER = 13 dB, NRZ
−5
dBm
RF Output Return Loss
S22
1G
−6G, M = 9, Single-ended
−6
dB
IC Supply Current
ICC
40
55
75
mA
IC Supply Voltage
VCC
+3.1
+3.3
+3.5
V
λ = 1 310 nm
−27
Optical Return Loss
ORL
λ = 1 550 nm
−27
dB
Thermistor Resistance
Rth
9.5
10
10.5
k
Thermistor B Constant
B
3 350
3 450
3 550
K
*1
δ =
VBR
TC
Preliminary Data Sheet PL10637EJ01V0DS
10


Similar Part No. - NR4210TX-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR4211TH CEL-NR4211TH Datasheet
930Kb / 7P
   InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NR4211TH RENESAS-NR4211TH Datasheet
772Kb / 8P
   RECEIVER (Limiting TIA, with DCA function)
Sep 13, 2012
NR4211TH RENESAS-NR4211TH_15 Datasheet
207Kb / 8P
   RECEIVER (Limiting TIA, with DCA function) InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
Sanken electric
NR421A SANKEN-NR421A Datasheet
1Mb / 32P
   Buck type Synchronous Switching Regulator IC
More results

Similar Description - NR4210TX-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR4211TH CEL-NR4211TH Datasheet
930Kb / 7P
   InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NR4211TH RENESAS-NR4211TH_15 Datasheet
207Kb / 8P
   RECEIVER (Limiting TIA, with DCA function) InAlAs APD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
California Eastern Labs
NR4510US CEL-NR4510US Datasheet
1Mb / 6P
   InGaAs APD RECEIVER FOR 2.5 Gb/s ROSA WITH INTERNAL PRE-AMPLIFIER
logo
Renesas Technology Corp
NR3316TM RENESAS-NR3316TM Datasheet
212Kb / 9P
   RECEIVER PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
California Eastern Labs
NR3316TM CEL-NR3316TM Datasheet
185Kb / 9P
   PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
NR3315TA CEL-NR3315TA Datasheet
193Kb / 7P
   InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
NEC
NR3313TQ NEC-NR3313TQ Datasheet
78Kb / 7P
   InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NR3314TU RENESAS-NR3314TU Datasheet
236Kb / 10P
   InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
California Eastern Labs
NR3313TQ CEL-NR3313TQ Datasheet
184Kb / 7P
   InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
logo
NEC
NR3315TA NEC-NR3315TA Datasheet
83Kb / 7P
   InGaAs PIN-PD RECEIVER WITH INTERNAL PRE-AMPLIFIER FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com