Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR7800FR-BB-AZ Datasheet(PDF) 1 Page - California Eastern Labs

Part # NR7800FR-BB-AZ
Description  InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NR7800FR-BB-AZ Datasheet(HTML) 1 Page - California Eastern Labs

  NR7800FR-BB-AZ Datasheet HTML 1Page - California Eastern Labs NR7800FR-BB-AZ Datasheet HTML 2Page - California Eastern Labs NR7800FR-BB-AZ Datasheet HTML 3Page - California Eastern Labs NR7800FR-BB-AZ Datasheet HTML 4Page - California Eastern Labs NR7800FR-BB-AZ Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NEC's φ
φφ
φ
φ80µ
µ
µ
µ
µm
InGaAs PIN-PD IN COAXIAL PACKAGE
FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR7800 SERIES
FEATURES
• SMALL DARK CURRENT:
ID = 0.1 nA
• HIGH SPEED RESPONSE:
fc = 2.5 GHz MIN.
• HIGH SENSITIVITY:
S = 0.89 A/W AT λ = 1310 nm
S = 0.94 A/W AT λ = 1550 nm
• LOW OPERATING VOLTAGE:
VR = 5 V
• COAXIAL MODULE WITH SINGLE MODE FIBER (SMF)
or GI-50 fiber
• WITH SC CONNECTOR: Standard, FC connector: option
(Refer to Ordering Information)
NEC's NR7800 Series are InGaAs PIN photo diode (PIN-PD)
coaxial modules with optical fiber pigtail. These modules are
designed for long wavelength optical communication systems
and are ideal as recievers for Synchronous Digital Hierarchy
(SDH) system, STM-4 and STM-1, ITU-T recommendations.
DESCRIPTION
PART NUMBER
NR7800 SERIES
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ID
Dark Current, VR = 5 V, TC = 25º C
nA
0.1
1.0
VR = 5 V
20
Ct
Terminal Capacitance, VR = 5 V, f = 1 MHz, TC = 25º C
pF
1.0
1.5
S
Sensitivity, VR = 5 V, λ = 1310 nm
A/W
0.78
0.89
VR = 5 V, λ = 1550 nm
0.80
0.94
∆St
Temperature Dependence of Sensitivity,
%
-5
5
VR = 5 V, λ = 1550 nm
∆Sp
Polarization Dependence of Sensitivity,
%
-2.5
2.5
VR = 5 V, λ = 1550 nm, TC = 25º C
∆Sw
Wavelength Dependence of Sensitivity,
%
-2.5
2.5
VR = 5 V, λ = 1520 to 1560 nm, TC = 25º C
fc
Cut-off Frequency, VR = 5 V, TC = 25º C
GHz
2.5
ORL
Optical Return Loss,
SMF
dB
30
GI-50 Fiber
28
ELECTRO-OPTICAL CHARACTERISTICS (TC = 40° C to +85º C, unless otherwise specified)
California Eastern Laboratories


Similar Part No. - NR7800FR-BB-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR7800FR-BB-AZ CEL-NR7800FR-BB-AZ Datasheet
212Kb / 5P
   NECs ?80關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
More results

Similar Description - NR7800FR-BB-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR7800BP CEL-NR7800BP Datasheet
212Kb / 5P
   NECs ?80關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR8500 CEL-NR8500 Datasheet
206Kb / 5P
   NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
   NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX7301BA CEL-NX7301BA Datasheet
101Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7500 CEL-NR7500 Datasheet
195Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
NX7302BA CEL-NX7302BA Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
NR7500BP CEL-NR7500BP Datasheet
200Kb / 5P
   NECs ?50關m InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
NX7302BA-CC CEL-NX7302BA-CC Datasheet
101Kb / 4P
   InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATIONS
NR8501 CEL-NR8501 Datasheet
240Kb / 6P
   InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com