Electronic Components Datasheet Search |
|
NRSH682M25V10X16F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NRSH682M25V10X16F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 3 page 76 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com 77 ® NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com Miniature Aluminum Electrolytic Capacitors NRSH Series RoHS Compliant includes all homogeneous materials *See Part Number System for Details Rated Voltage Range 6.3 ~ 50VDC Capacitance Range 27 ~ 8,200 µF Operating Temperature Range -40°C ~ +105°C Capacitance Tolerance ±20% (M) Maximum Leakage Current After 2 minutes 0.01CV or 3 µA whichever is greater Max. Tan δ at 120Hz/20°C W.V. (Vdc) 6.3 10 16 25 35 50 S.V. (Vdc) 8 13 20 32 44 63 C < 1,000 µF 0.22 0.19 0.16 0.14 0.12 0.10 C = 1,200 µF 0.22 0.19 0.16 0.14 0.12 - C = 1,500 µF 0.22 0.19 0.16 0.14 0.12 - C = 2,200 µF 0.24 0.21 0.18 0.16 0.14 - C = 2,700 µF 0.24 0.21 0.18 0.16 - - C = 3,300 µF 0.26 0.23 0.20 0.18 - - C = 3,900 µF 0.26 0.23 0.20 - - - C = 4,700 µF 0.28 0.25 0.22 - - - C = 5,600 µF 0.30 0.27 - - - - C = 6,800 µF 0.32 0.29 - - - - C = 8,200 µF 0.36 - - - - - Low Temperature Stability Impedance Ratio @ 120Hz Z-25°C/Z+20°C 2 2 2 2 2 2 Z-40°C/Z+20°C 3 3 3 3 3 3 Load Life Test @ 105°C Duration φ D = 6.3: 6,000 hours, φ D = 8: 8,000 hours, φ D = 10>: 10,000 hours ∆ Capacitance Within ±25% of initial measured value ∆ Tan δ Less than 200% of specified value ∆ LC Less than specified value HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED FEATURES • IMPROVED ENDURANCE AT HIGH TEMPERATURE (up to 10,000HRS @ 105°C) • LOW IMPEDANCE & HIGH RIPPLE CURRENT RATINGS • NEW REDUCED SIZES CHARACTERISTICS NRSH 561 M 35V 10X20 F . RoHS Compliant Case Size (D φ x L) Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series PART NUMBER SYSTEM |
Similar Part No. - NRSH682M25V10X16F |
|
Similar Description - NRSH682M25V10X16F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |