Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR8501FP-CC-AZ Datasheet(PDF) 4 Page - California Eastern Labs

Part # NR8501FP-CC-AZ
Description  InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NR8501FP-CC-AZ Datasheet(HTML) 4 Page - California Eastern Labs

  NR8501FP-CC-AZ Datasheet HTML 1Page - California Eastern Labs NR8501FP-CC-AZ Datasheet HTML 2Page - California Eastern Labs NR8501FP-CC-AZ Datasheet HTML 3Page - California Eastern Labs NR8501FP-CC-AZ Datasheet HTML 4Page - California Eastern Labs NR8501FP-CC-AZ Datasheet HTML 5Page - California Eastern Labs NR8501FP-CC-AZ Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NR8501 SERIES
PARAMETER
SPECIFICATION
UNITS
SMF
GI-50 Fiber
Mode Field Diameter
9.5±1
µm
Core Diameter
-
50±3
µm
Cladding Diameter
125±2
125±2
µm
Maximum Cladding Noncircularity
2
2
%
Maximum Core/Cladding Concentricity
1.6
4.0
%
Outer Diameter
0.9±0.1
0.9±0.1
mm
Cut-off Wavelength
1100 to 1270
-
nm
Minimum Fiber Bending Radius
30
30
mm
Fiber Length
1000 MIN
1000 MIN
mm
Flammability
UL1581 VW-1
OPTICAL FIBER CHARACTERISTICS
OUTLINE DIMENSIONS (Units in mm)
FP/FR
CP/CR
PIN CONNECTIONS
PIN CONNECTIONS
12.7±0.2
17.0±0.2
ø2.2
ø0.9
ø3.2±0.2
ø7.0±0.2
ø5.0±0.2
P.C.D. = ø2.0
3
2
1
1
3
2
ø0.45±0.05
2.2
Optical Fiber
Length: 1 m MIN
35±2 mm
Fiber Length: 1000 mm MIN
Connector
8.99±0.5 mm
5±2 mm
16.0±0.2
ø0.45±0.05
ø0.9
Optical Fiber
Length: 1 m MIN
ø7.0±0.2
8.0±0.3
P.C.D. = ø2.0
4–R1.25±0.2
2–ø2.5
8.5±0.2
1
2
3
12.0±0.15
7.0±0.2
14.0±1.0
2
3
1
1. Anode (Negative)
2. Cathode (Positive)
3. Case
1. Anode (Negative)
2. Cathode (Positive)
3. Case


Similar Part No. - NR8501FP-CC-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR8501FP-CC-AZ CEL-NR8501FP-CC-AZ Datasheet
241Kb / 6P
   NECs 50 關m InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
More results

Similar Description - NR8501FP-CC-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NR8501BP CEL-NR8501BP Datasheet
241Kb / 6P
   NECs 50 關m InGaAs APD IN COAXIAL PACKAGE FOR 2.5Gb/s APPLICATIONS
NR4500BP CEL-NR4500BP Datasheet
98Kb / 3P
   InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
NR4500BP-CC CEL-NR4500BP-CC Datasheet
98Kb / 3P
   InGaAs APD WITH INTERNAL PREAMPLIFIER IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATIONS
NR8500 CEL-NR8500 Datasheet
206Kb / 5P
   NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR8500BP CEL-NR8500BP Datasheet
212Kb / 5P
   NECs ?50 關m InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NR7500 CEL-NR7500 Datasheet
195Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 2.5 Gbp/s APPLICATIONS
NR8300FP-CC CEL-NR8300FP-CC Datasheet
99Kb / 4P
   NECs 30 Um InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
NR8300FP-CC CEL-NR8300FP-CC_07 Datasheet
218Kb / 5P
   NECs 30 Um InGaAs APD IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATION AND OTDR APPLICATIONS
NR7800 CEL-NR7800 Datasheet
211Kb / 5P
   InGaAs PIN-PD IN COAXIAL PACKAGE FOR 155Mb/s AND 622 Mb/s APPLICATIONS
NR8360JP-BC CEL-NR8360JP-BC Datasheet
85Kb / 2P
   30 um InGaAs APD IN DIP PACKAGE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com