Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7563JB-BC-AZ Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX7563JB-BC-AZ
Description  InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7563JB-BC-AZ Datasheet(HTML) 5 Page - California Eastern Labs

  NX7563JB-BC-AZ Datasheet HTML 1Page - California Eastern Labs NX7563JB-BC-AZ Datasheet HTML 2Page - California Eastern Labs NX7563JB-BC-AZ Datasheet HTML 3Page - California Eastern Labs NX7563JB-BC-AZ Datasheet HTML 4Page - California Eastern Labs NX7563JB-BC-AZ Datasheet HTML 5Page - California Eastern Labs NX7563JB-BC-AZ Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet GBB-SA-1699
5
NX7563JB-BC
REFERENCE
.
o
N
t
n
e
m
u
c
o
D
e
m
a
N
t
n
e
m
u
c
o
D
Optical semiconducrtor devices for fiberoptic communicati
E
0
8
4
2
1
P
e
d
i
u
G
n
o
it
c
e
l
e
S
s
n
o
Opto-Electronics Devices Pamphlet
P13623E
Opto-Electronics Devices (CD-ROM)
P12944X
NEC semiconductor device reliability/quality control system
*1
C11159E
Quality grades on NEC semiconductor devices
*1
C11531E
SEMICONDUCTOR SELECTION GUIDE
−Products and Packages−
*1
X13769E
*1 Published by NEC Corporation


Similar Part No. - NX7563JB-BC-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7563JB-BC RENESAS-NX7563JB-BC Datasheet
160Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7563JB-BC RENESAS-NX7563JB-BC_15 Datasheet
152Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
More results

Similar Description - NX7563JB-BC-AZ

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7565P NEC-NDL7565P Datasheet
59Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7563JB-BC RENESAS-NX7563JB-BC_15 Datasheet
152Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7563JB-BC RENESAS-NX7563JB-BC Datasheet
160Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
logo
NEC
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7663JB-BC RENESAS-NX7663JB-BC Datasheet
159Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
California Eastern Labs
NX7363JB-BC CEL-NX7363JB-BC Datasheet
968Kb / 6P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NX7663JB-BC CEL-NX7663JB-BC Datasheet
957Kb / 6P
   InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7363JB-BC RENESAS-NX7363JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NX7663JB-BC RENESAS-NX7663JB-BC_15 Datasheet
151Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
NX7363JB-BC RENESAS-NX7363JB-BC Datasheet
158Kb / 8P
   LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com