Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8300CE-CC Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8300CE-CC
Description  InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 2.5 Gb/s APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8300CE-CC Datasheet(HTML) 3 Page - California Eastern Labs

  NX8300CE-CC Datasheet HTML 1Page - California Eastern Labs NX8300CE-CC Datasheet HTML 2Page - California Eastern Labs NX8300CE-CC Datasheet HTML 3Page - California Eastern Labs NX8300CE-CC Datasheet HTML 4Page - California Eastern Labs NX8300CE-CC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NX8300BE-CC, NX8300CE-CC
TYPICAL PERFORMANCE CURVES (TC = 25°C unless otherwise specified)
Wavelength, λ (nm)
LONGITUDINAL MODE
TC = 0°C,
2.488 Gb/s,
NRZ,
Ib = ITH
10
-30
-70
1.3054
1.3154
1.3254
Wavelength, λ (nm)
LONGITUDINAL MODE
TC = 70°C,
2.488 Gb/s,
NRZ,
Ib = ITH
10
-30
-70
1.3114
1.3214
1.3314
Frequency, f (GHz)
INPUT RETURN LOSS
CHARACTERISTICS (S11)
OPTICAL OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT
Case Temperature, TC (°C)
OPERATING CURRENT AND
THRESHOLD CURRENT
vs. CASE TEMPERATURE
Forward Current, IF (mA)
FREQUENCY RESPONSE (S21)
Frequency, f (GHz)
10
8
6
4
2
0
020
40
6080
100
TC = 0°C
25°C
70°C
100
50
30
20
10
5
-20
0
20
40
60
80
Pf = 2 mW
IOP
ITH
Pf = 2 mW
0.05
2.55
5.05
0.05
2.55
5.05
Pf = 2 mW


Similar Part No. - NX8300CE-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8300CE-CC CEL-NX8300CE-CC Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX8300CE-CC RENESAS-NX8300CE-CC Datasheet
245Kb / 13P
   LASER DIODE
2002
More results

Similar Description - NX8300CE-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
   NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX6307 CEL-NX6307 Datasheet
401Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
logo
Renesas Technology Corp
NX6410GH RENESAS-NX6410GH Datasheet
178Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
NX6411GH RENESAS-NX6411GH_15 Datasheet
170Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
NX6411GH RENESAS-NX6411GH Datasheet
177Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
NX6410GH RENESAS-NX6410GH_15 Datasheet
170Kb / 8P
   LASER DIODE 1 490 nm InGaAsP MQW-DFB LASER DIODE FOR 2.5 Gb/s FTTH PON APPLICATION
logo
California Eastern Labs
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX8504BE CEL-NX8504BE Datasheet
112Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com