Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8106TB-E3-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # UPC8106TB-E3-A
Description  3 V SILICON RFIC FREQUENCY UPCONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8106TB-E3-A Datasheet(HTML) 5 Page - California Eastern Labs

  UPC8106TB-E3-A Datasheet HTML 1Page - California Eastern Labs UPC8106TB-E3-A Datasheet HTML 2Page - California Eastern Labs UPC8106TB-E3-A Datasheet HTML 3Page - California Eastern Labs UPC8106TB-E3-A Datasheet HTML 4Page - California Eastern Labs UPC8106TB-E3-A Datasheet HTML 5Page - California Eastern Labs UPC8106TB-E3-A Datasheet HTML 6Page - California Eastern Labs UPC8106TB-E3-A Datasheet HTML 7Page - California Eastern Labs UPC8106TB-E3-A Datasheet HTML 8Page - California Eastern Labs UPC8106TB-E3-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1
S-PARAMETERS FOR EACH PORT (VCC = VPS = VRFout = 3.0 V )
UPC8106TB
MARKER 1
240 MHz
IF port
S11
Z
REF 1.0 Units
1
200.0 mUnits/
194.16 Ω -579.53 Ω
hp
START 0.1 GHz
STOP 0.4 GHz
1
MARKER 1
900 MHz
>
S-PARAMETERS FOR MATCHED RF OUTPUT
(VCC = VPS = VRFout = 3.0 V ) - with TEST CIRCUITS 1 and 2 - (S22 data is monitored at RF connector on board.)
900 MHz (LC-matched) in test circuit
S11
log MAG
REF
0.0 dB
1
10.0 dB/
-19.567 dB
hp
1
MARKER 1
1.9 GHz
>
1
1.9 GHz (LC-matched) in test circuit
S22
log MAG
REF
0.0 dB
1
10.0 dB/
-15.213 dB
hp
START 100 MHz
STOP 3000 MHz
START 100 MHz
STOP 3000 MHz
1
MARKER 1
900 MHz
S22
REF 1.0 Units
1
200.0 mUnits/
36.59 Ω 2.9355 Ω
hp
START 100 MHz
STOP 3000 MHz
1
MARKER 1
1.9 GHz
S22
REF 1.0 Units
1
200.0 mUnits/
58.191 Ω -4.1191 Ω
hp
START 100 MHz
STOP 3000 MHz


Similar Part No. - UPC8106TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106TB-E3 NEC-UPC8106TB-E3 Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
logo
Renesas Technology Corp
UPC8106TB-E3 RENESAS-UPC8106TB-E3 Datasheet
318Kb / 26P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
More results

Similar Description - UPC8106TB-E3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8163TB CEL-UPC8163TB Datasheet
172Kb / 5P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
   SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
logo
Analog Devices
AD9552 AD-AD9552_12 Datasheet
616Kb / 32P
   Oscillator Frequency Upconverter
AD9552 AD-AD9552 Datasheet
494Kb / 32P
   Oscillator Frequency Upconverter
Rev. C
logo
NEC
UPC2757T NEC-UPC2757T Datasheet
44Kb / 4P
   3 V, SILICON MMIC FREQUENCY CONVERTER
logo
California Eastern Labs
UPC8187TB CEL-UPC8187TB Datasheet
266Kb / 9P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
NEC
UPC8187TB NEC-UPC8187TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Agilent(Hewlett-Packard...
MSA-20XX HP-MSA-20XX Datasheet
127Kb / 8P
   Silicon Bipolar RFIC Amplifiers
MSA-31XX HP-MSA-31XX Datasheet
104Kb / 7P
   Silicon Bipolar RFIC Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com