Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8563LF509-BA Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8563LF509-BA
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LF509-BA Datasheet(HTML) 4 Page - California Eastern Labs

  NX8563LF509-BA Datasheet HTML 1Page - California Eastern Labs NX8563LF509-BA Datasheet HTML 2Page - California Eastern Labs NX8563LF509-BA Datasheet HTML 3Page - California Eastern Labs NX8563LF509-BA Datasheet HTML 4Page - California Eastern Labs NX8563LF509-BA Datasheet HTML 5Page - California Eastern Labs NX8563LF509-BA Datasheet HTML 6Page - California Eastern Labs NX8563LF509-BA Datasheet HTML 7Page - California Eastern Labs NX8563LF509-BA Datasheet HTML 8Page - California Eastern Labs NX8563LF509-BA Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NX8563LF
ORDERING INFORMATION
NX8563LF
-BA
With FC-PC Connector
Wavelength Code : Refer to Table A
Table A: DWDM wavelength based on ITU-T recommendations (@TLD = Tset) (1/2)
Wavelength Code
ITU-T Wavelength
*1
Frequency
Wavelength Code
ITU-T Wavelength
*1
Frequency
(nm)
(THz)
(nm)
(THz)
279
1 527.99
196.20
485
1 548.51
193.60
287
1 528.77
196.10
493
1 549.31
193.50
295
1 529.55
196.00
501
1 550.11
193.40
303
1 530.33
195.90
509
1 550.91
193.30
311
1 531.11
195.80
517
1 551.72
193.20
318
1 531.89
195.70
525
1 552.52
193.10
326
1 532.68
195.60
533
1 553.32
193.00
334
1 533.46
195.50
541
1 554.13
192.90
342
1 534.25
195.40
549
1 554.94
192.80
350
1 535.03
195.30
557
1 555.74
192.70
358
1 535.82
195.20
565
1 556.55
192.60
366
1 536.60
195.10
573
1 557.36
192.50
373
1 537.39
195.00
581
1 558.17
192.40
381
1 538.18
194.90
589
1 558.98
192.30
389
1 538.97
194.80
597
1 559.79
192.20
397
1 539.76
194.70
606
1 560.60
192.10
405
1 540.55
194.60
614
1 561.41
192.00
413
1 541.34
194.50
622
1 562.23
191.90
421
1 542.14
194.40
630
1 563.04
191.80
429
1 542.93
194.30
638
1 563.86
191.70
437
1 543.73
194.20
646
1 564.67
191.60
445
1 544.52
194.10
654
1 565.49
191.50
453
1 545.32
194.00
663
1 566.31
191.40
461
1 546.11
193.90
671
1 567.13
191.30
469
1 546.91
193.80
679
1 567.95
191.20
477
1 547.71
193.70
687
1 568.77
191.10
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10215EJ03V0DS
4


Similar Part No. - NX8563LF509-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8563LF509-BA CEL-NX8563LF509-BA Datasheet
210Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
logo
Renesas Technology Corp
NX8563LF509-BA RENESAS-NX8563LF509-BA Datasheet
300Kb / 13P
   LASER DIODE
2005
More results

Similar Description - NX8563LF509-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
Renesas Technology Corp
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com