Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8335 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC56F8335
Description  16-bit Digital Signal Controller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8335 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC56F8335 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC56F8335 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC56F8335 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8335 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8335 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8335 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8335 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8335 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8335 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 160 page
background image
56F8335 Technical Data, Rev. 5
Freescale Semiconductor
3
Preliminary
56F8335/56F8135 Block Diagram - 128 LQFP
Quadrature
Decoder 1 or
Quad
Timer B or
SP1I or
GPIOC
Program Controller
and Hardware
Looping Unit
Data ALU
16 x 16 + 36 -->36-Bit MAC
Three 16-bit Input Registers
Four 36-bit Accumulators
Address
Generation Unit
Bit
Manipulation
Unit
16-Bit
56800E Core
Interrupt
Controller
COP/
Watchdog
SCI1 or
GPIOD
4
2
IRQA IRQB
PDB
PDB
XAB1
XAB2
XDB2
CDBR
SCI0 or
GPIOE
SPI0 or
GPIOE
IPBus Bridge (IPBB)
Decoding
Peripherals
Peripheral
Device Selects
RW
Control
IPAB IPWDB
IPRDB
2
System Bus
R/W Control
PAB
PAB
CDBW
CDBR
CDBW
JTAG/
EOnCE
Port
Digital Reg
Analog Reg
Low Voltage
Supervisor
VCAP VDD
VSS VDDA
VSSA
5
47
5
2
VPP
2
RESET
RSTO
4
6
3
4
6
3
Quad Timer
D or GPIOE
Quad Timer
C or GPIOE
ADCA
4
5
Quadrature
Decoder 0 or
Quad
Timer A or
GPIOC
FlexCAN
2
4
2
ADCB
4
4
VREF
TEMP_SENSE
4
* External
Address Bus
Switch
* External
Data
Bus Switch
A8-13 or GPIOA0-5
D7-10 or GPIOF0-3
GPIOB0-4 or A16-20
GPIOD0-5 or CS2-7
* Bus
Control
6
5
4
6
* EMI not functional in
this package; use as
GPIO pins
PLL
Clock
Generator
XTAL
EXTAL
CLKMODE
Integration
Module
System
P
O
R
O
S
C
Clock
resets
CLKO
PWM Outputs
Fault Inputs
PWMA
Current Sense Inputs
or GPIOC
PWM Outputs
Fault Inputs
PWMB
Current Sense Inputs
or GPIOD
OCR_DIS
4
AD1
AD0
4
AD1
AD0
Data Memory
4K x 16 Flash
4K x 16 RAM
Memory
Program Memory
32K x 16 Flash
2K x 16 RAM
4K x 16 Boot
Flash
Control
56F8335/56F8135 General Description
Note: Features in italics are NOT available in the 56F8135 device.
• Up to 60 MIPS at 60MHz core frequency
• DSP and MCU functionality in a unified,
C-efficient architecture
• 64KB Program Flash
• 4KB Program RAM
• 8KB Data Flash
• 8KB Data RAM
• 8KB Boot Flash
• Up to two 6-channel PWM modules
• Four 4-channel, 12-bit ADCs
• Temperature Sensor
• Up to two Quadrature Decoders
• FlexCAN module
• Optional On-Chip Regulator
• Two Serial Communication Interfaces (SCIs)
• Up to two Serial Peripheral Interface (SPIs)
• Up to four general-purpose Quad Timers
• Computer Operating Properly (COP)/Watchdog
• JTAG/Enhanced On-Chip Emulation (OnCE™) for
unobtrusive, real-time debugging
• Up to 49 GPIO lines
• 128-pin LQFP Package


Similar Part No. - MC56F8335

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8335 FREESCALE-MC56F8335 Datasheet
1Mb / 160P
   16-bit Digital Signal Controller
MC56F8335E FREESCALE-MC56F8335E Datasheet
1Mb / 160P
   16-bit Digital Signal Controller
MC56F8335MFGE FREESCALE-MC56F8335MFGE Datasheet
1Mb / 160P
   16-bit Digital Signal Controller
logo
NXP Semiconductors
MC56F8335MFGE NXP-MC56F8335MFGE Datasheet
155Kb / 4P
   Processor Supplement
Rev. 1, 05/2022
logo
Freescale Semiconductor...
MC56F8335VFGE FREESCALE-MC56F8335VFGE Datasheet
1Mb / 160P
   16-bit Digital Signal Controller
More results

Similar Description - MC56F8335

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8335 FREESCALE-MC56F8335 Datasheet
1Mb / 160P
   16-bit Digital Signal Controller
logo
Zilog, Inc.
Z89323 ZILOG-Z89323 Datasheet
514Kb / 61P
   16-BIT DIGITAL SIGNAL PROCESSORS
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com