Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMLL5248B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMLL5248B
Description  Voltage regulator diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL5248B Datasheet(HTML) 2 Page - NXP Semiconductors

  PMLL5248B Datasheet HTML 1Page - NXP Semiconductors PMLL5248B Datasheet HTML 2Page - NXP Semiconductors PMLL5248B Datasheet HTML 3Page - NXP Semiconductors PMLL5248B Datasheet HTML 4Page - NXP Semiconductors PMLL5248B Datasheet HTML 5Page - NXP Semiconductors PMLL5248B Datasheet HTML 6Page - NXP Semiconductors PMLL5248B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 Apr 26
2
Philips Semiconductors
Product specification
Voltage regulator diodes
PMLL5225B to PMLL5267B
FEATURES
• Total power dissipation:
max. 500 mW
• Tolerance series: ±5%
• Working voltage range:
nom. 3.0 to 75 V
• Non-repetitive peak reverse power
dissipation: max. 40 W.
APPLICATIONS
• Low-power voltage stabilizers or
voltage references.
DESCRIPTION
Low-power voltage regulator diodes in small hermetically sealed glass
SOD80C SMD packages. The series consists of 43 types with nominal working
voltages from 3.0 to 75 V.
Fig.1 Simplified outline (SOD80C) and symbol.
The cathode is indicated by a yellow band.
handbook, 4 columns
MAM215
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. If flanges are kept at Tflange ≤ 75 °C.
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
250
mA
IZSM
non-repetitive peak reverse current
tp = 100 µs; square wave;
Tj =25 °C prior to surge
see Table
“Per type”
Ptot
total power dissipation
Tamb =25 °C; note 1
500
mW
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 µs; square wave;
Tj =25 °C prior to surge; see Fig.3
40
W
tp = 8.3 ms; square wave;
Tj ≤ 55 °C prior to surge
10
W
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−65
+200
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF = 200 mA; see Fig.4
1.1
V


Similar Part No. - PMLL5248B

ManufacturerPart #DatasheetDescription
logo
Heyco.
PMLL HEYCO-PMLL Datasheet
121Kb / 1P
   Lockit™ Loops
logo
NXP Semiconductors
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4148L PHILIPS-PMLL4148L Datasheet
67Kb / 11P
   High-speed switching diodes
Rev. 06-4 April 2005
PMLL4148L NXP-PMLL4148L Datasheet
74Kb / 11P
   High-speed switching diodes
Rev. 07-31 January 2007
PMLL4148L NXP-PMLL4148L Datasheet
122Kb / 11P
   High-speed switching diodes
Rev. 8-1 February 2011
More results

Similar Description - PMLL5248B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com