Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA806T Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPA806T
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA806T Datasheet(HTML) 2 Page - California Eastern Labs

  UPA806T Datasheet HTML 1Page - California Eastern Labs UPA806T Datasheet HTML 2Page - California Eastern Labs UPA806T Datasheet HTML 3Page - California Eastern Labs UPA806T Datasheet HTML 4Page - California Eastern Labs UPA806T Datasheet HTML 5Page - California Eastern Labs UPA806T Datasheet HTML 6Page - California Eastern Labs UPA806T Datasheet HTML 7Page - California Eastern Labs UPA806T Datasheet HTML 8Page - California Eastern Labs UPA806T Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Note: 1. Operation in excess of any one of these parameters
may result in permanent damage.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
9
VCEO
Collector to Emitter Voltage
V
6
VEBO
Emitter to Base Voltage
V
2
IC
Collector Current
mA
30
PT
Total Power Dissipation
1 Die
mW
110
2 Die
mW
200
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
PART NUMBER
QUANTITY
PACKAGING
UPA806T-T1-A
3000
Tape & Reel
ORDERING INFORMATION
UPA806T
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
Collector Current, lc (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
Collector Current, lc (mA)
Q1
10
8
6
4
2
2
5
10
20
50
0.5
f = 2 GHz
5 V
3 V
VCE = 1 V
4
3
2
1
0
12
5
10
20
50
0.5
VCE = 3 V
f = 2 GHz
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector to Emitter Voltage, VCE (V)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Collector Current, lc (mA)
60
50
40
30
20
10
01
2
3
4
5
6
500
µA
400
µA
300
µA
200
µA
lB=100
µA
200
100
0
12
5
10
20
50
0.1
0.2
0.5
100
5 V
VCE = 3 V
TYPICAL PERFORMANCE CURVES


Similar Part No. - UPA806T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
logo
Renesas Technology Corp
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
UPA806T CEL-UPA806T Datasheet
502Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
UPA806T-T1 NEC-UPA806T-T1 Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
logo
Renesas Technology Corp
UPA806T-T1 RENESAS-UPA806T-T1 Datasheet
209Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - UPA806T

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com