Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA811T Datasheet(PDF) 1 Page - California Eastern Labs

Part # UPA811T
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA811T Datasheet(HTML) 1 Page - California Eastern Labs

  UPA811T Datasheet HTML 1Page - California Eastern Labs UPA811T Datasheet HTML 2Page - California Eastern Labs UPA811T Datasheet HTML 3Page - California Eastern Labs UPA811T Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UPA811T
NPN SILICON HIGH
FREQUENCY TRANSISTOR
SMALL PACKAGE STYLE:
2 NE680 Die in a 2 mm x 1.25 mm package
LOW NOISE FIGURE:
NF = 1.9 dB TYP at 2 GHz
HIGH GAIN:
|S21E|2 = 7.5 dB TYP at 2 GHz
EXCELLENT LOW VOLTAGE, LOW CURRENT
PERFORMANCE
FEATURES
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE S06
(Top View)
DESCRIPTION
NEC's UPA811T is two NPN high frequency silicon epitaxial
transistors encapsulated in an ultra small 6 pin SMT package.
Each transistor is independently mounted and easily config-
ured for either dual transistor or cascode operation. The high
fT, low voltage bias and small size make this device ideally
suited for pager and other hand-held wireless applications.
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
10
VEBO
Emitter to Base Voltage
V
1.5
IC
Collector Current
mA
35
PT
Total Power Dissipation
1 Die
mW
110
2 Die
mW
200
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
PART NUMBER
UPA811T
PACKAGE OUTLINE
S06
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICBO
Collector Cutoff Current at VCB = 10 V, IE = 0
µA
1.0
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0
µA
1.0
hFE1
Forward Current Gain at VCE = 3 V, IC = 5 mA
80
120
200
fT
Gain Bandwidth at VCE = 3 V, IC = 5 mA
GHz
5.5
8.0
Cre2
Feedback Capacitance at VCB = 3 V, IE = 0, f = 1 MHz
pF
0.3
0.7
|S21E|2
Insertion Power Gain at VCE = 3 V, IC = 5 mA, f = 2 GHz
dB
5.5
7.5
NF
Noise Figure at VCE = 3 V, IC = 5 mA, f = 2 GHz
dB
1.9
3.2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes:
1.Pulsed measurement, pulse width ≤ 350 µs, duty cycle ≤ 2 %.
2.The emitter terminal should be connected to the ground terminal of the 3 terminal capacitance bridge.
For Tape and Reel version use part number UPA811T-T1, 3K per reel.
Note:
Pin 3 is identified with a circle on the bottom of the package.
PIN OUT
1. Collector Transistor 1
2. Base Transistor 2
3. Collector Transistor 2
4. Emitter Transistor 2
5. Emitter Transistor 1
6. Base Transistor 1
California Eastern Laboratories
2.1 ± 0.1
1.25 ± 0.1
0 ~ 0.1
0.15
0.9 ± 0.1
0.7
2.0 ± 0.2
0.65
1.3
1
2
3
4
5
6
0.2 (All Leads)
+0.10
- 0.05


Similar Part No. - UPA811T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA811T NEC-UPA811T Datasheet
49Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD
logo
Renesas Technology Corp
UPA811T RENESAS-UPA811T Datasheet
219Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
UPA811T CEL-UPA811T Datasheet
480Kb / 3P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
UPA811T-T1 NEC-UPA811T-T1 Datasheet
49Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD
logo
Renesas Technology Corp
UPA811T-T1 RENESAS-UPA811T-T1 Datasheet
219Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - UPA811T

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com