Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR31500ABC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PR31500ABC
Description  Poseidon embedded processor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31500ABC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PR31500ABC Datasheet HTML 7Page - NXP Semiconductors PR31500ABC Datasheet HTML 8Page - NXP Semiconductors PR31500ABC Datasheet HTML 9Page - NXP Semiconductors PR31500ABC Datasheet HTML 10Page - NXP Semiconductors PR31500ABC Datasheet HTML 11Page - NXP Semiconductors PR31500ABC Datasheet HTML 12Page - NXP Semiconductors PR31500ABC Datasheet HTML 13Page - NXP Semiconductors PR31500ABC Datasheet HTML 14Page - NXP Semiconductors PR31500ABC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31500
Poseidon embedded processor
1996 Sep 24
11
PIN #
NAME AND FUNCTION
TYPE
NAME
UART and IR Pins
55
TXD
O
This pin is the UART transmit signal from the UARTA module.
54
RXD
I
This pin is the UART receive signal to the UARTA module.
59
IROUT
O
This pin is the UART transmit signal from the UARTB module or the Consumer IR output signal if
Consumer IR mode is enabled.
58
IRIN
I
This pin is the UART receive signal to the UARTB module.
RXPWR
O
This pin is the receiver power output control signal to the external communication IR analog
circuitry.
62
CARDET
I
This pin is the carrier detect input signal from the external communication IR analog circuitry.
Video Pins
91
FRAME
O
This pin is the frame synchronization pulse signal between the Video Module and the LCD, and is
used by the LCD to return it’s pointers to the top of the display. The Video Module asserts FRAME
after all the lines of the LCD have been shifted and transferred, producing a full frame of display.
93
DF
O
This pin is the AC signal for the LCD. Since LCD plasma tends to deteriorate whenever subjected
to a DC voltage, the DF signal is used by the LCD to alternate the polarity of the row and column
voltages used to turn the pixels on and off. The DF signal can be configured to toggle on every
frame or can be configured to toggle every programmable number of LOAD signals.
94
LOAD
O
This pin is the line synchronization pulse signal between the Video Module and the LCD, and is
used by the LCD to transfer the contents of it’s horizontal line shift register to the LCD panel for
display. The Video Module asserts LOAD after an entire horizontal line of data has been shifted
into the LCD.
95
CP
O
This pin is the clock signal for the LCD. Data is pushed by the Video Module on the rising edge of
CP and sampled by the LCD on the falling edge of CP.
101, 100,
99, 98
VDAT(3:0)
O
These pins are the data for the LCD. These signals are directly connected to the LCD for 4-bit
non-split displays. For 4-bit split and 8-bit non-split displays, an external register is required to
demultiplex the 4-bit data into the desired 8 parallel data lines needed for the LCD.
90
DISPON
O
This pin is the display-on enable signal for the LCD.
Test Pins
74
TESTSIU
I
This pin allows external logic to initiate read or write transactions to PR31500 registers. The
TESTSIU mode is enabled by toggling this signal after the device has powered up. Once the
function is enabled, if the TESTSIU pin is high when the bus is arbitrated (using /DREQ and
/DGRNT), then external logic can initiate read and write transactions to PR31500 registers. This
pin is used for debugging purposes only.
71
TESTCPU
I
This pin allows numerous internal CPU core signals to be brought to external PR31500 pins, in
place of the normal signals assigned to these pins. The CPU core signals assigned to their
respective pins during TESTCPU mode are vendor-dependent. The TESTCPU mode is enabled
by asserting this TESTCPU signal, and this function is provided for generating test vectors for the
CPU core. This pin is used for debugging purposes only.
72
TESTIN
I
This pin is reserved for vendor-dependent use. This pin is used for debugging purposes only.
73
VIDDONE
O
This signal is used to synchronize UCB1100 to read touchscreen input, when there is no video
data shifted into LCD panel.
Spare Pins
NC4–1
No
Connect
These pins are reserved for future use and should be left unconnected.
34
Reserved.
32, 31
Reserved.
Power Supply Pins
VDD (34 each)
+3.3V
These pins are the power pins for PR31500 and should be connected to the digital +3.3V power
supply VSTANDBY.
VSS (34 each)
GND
These pins are the ground pins for PR31500 and should be connected to digital ground.
NOTE: For some vendor-dependent implementations of PR31500, pin 131 may be used for a filter
capacitor for the SYSCLK oscillator (capacitor connected between pin 131 and digital ground).


Similar Part No. - PR31500ABC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PR31100 PHILIPS-PR31100 Datasheet
282Kb / 26P
   Highly integrated embedded processor
1996 Aug 07
PR31100ABC PHILIPS-PR31100ABC Datasheet
282Kb / 26P
   Highly integrated embedded processor
1996 Aug 07
PR31700 PHILIPS-PR31700 Datasheet
378Kb / 36P
   32-bit RISC microprocessor
1998 May 13
logo
Sharp Corporation
PR31HD22NSZ SHARP-PR31HD22NSZ Datasheet
250Kb / 13P
   IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
PR31MA11NTZ SHARP-PR31MA11NTZ Datasheet
263Kb / 14P
   Non-Zero Cross type DIP 6pin SSR
More results

Similar Description - PR31500ABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-21266 AD-ADSP-21266_07 Datasheet
894Kb / 44P
   Embedded Processor
REV. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com